Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29311 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29311
Description  3A Fast-Response LDO Regulator for USB Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29311 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC29311 Datasheet HTML 4Page - Micrel Semiconductor MIC29311 Datasheet HTML 5Page - Micrel Semiconductor MIC29311 Datasheet HTML 6Page - Micrel Semiconductor MIC29311 Datasheet HTML 7Page - Micrel Semiconductor MIC29311 Datasheet HTML 8Page - Micrel Semiconductor MIC29311 Datasheet HTML 9Page - Micrel Semiconductor MIC29311 Datasheet HTML 10Page - Micrel Semiconductor MIC29311 Datasheet HTML 11Page - Micrel Semiconductor MIC29311 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC29311
Micrel
MIC29311
8
December 1998
Applications Information
The MIC29311 is a high-performance low-dropout voltage
regulator suitable for all moderate to high-current voltage
regulator applications. The 600mV dropout voltage at full
load makes it especially valuable in battery-powered systems
and as high-efficiency noise filters in “post-regulator” applica-
tions. Its unique output voltage makes the MIC39311 ideal for
Universal Serical Bus (USB) power switching applications.
Unlike older NPN-pass transistor designs, where the mini-
mum dropout voltage is limited by the base-emitter voltage
drop and collector-emitter saturation voltage, dropout perfor-
mance of the PNP output of these devices is limited merely
by the low V
CE saturation voltage.
A trade-off for the low dropout voltage is a varying base drive
requirement. But Micrel’s Super
βeta PNP™ process re-
duces this drive requirement to merely 1% to 5% of the load
current.
The MIC29311 regulator is fully protected from damage due
to fault conditions. Current limiting is provided. This limiting is
linear; output current under overload conditions is constant.
Thermal shutdown disables the device when the die tem-
perature exceeds the maximum safe operating temperature.
Transient protection allows device (and load) survival even
when the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in excess
of the desired output voltage to be applied without reverse
current flow. The MIC29311 version offers a logic level on-off
control: when disabled, the device draws nearly zero current.
MIC29311-5.1
IN
OUT
GND
VIN
VOUT
EN
FLG
Flag
Enable
Shutdown
Figure 1. Input and Output Capacitors
Thermal Design
Linear regulators are simple to use. The most complicated
design parameters to consider are thermal characteristics.
Thermal design requires the following application-specific
parameters:
Maximum ambient temperature, T
A
Output Current, I
OUT
Output Voltage, V
OUT
Input Voltage, V
IN
First, calculate the power dissipation of the regulator from
these numbers and the device parameters from this datasheet.
P
I
1.02V
V
D
OUT
IN
OUT
=−
()
Where the ground current is approximated by 2% of I
OUT.
Then the heat sink thermal resistance is determined by:
θθ
θ
SA
J(max)
A
D
JC
CS
TT
P
=
−+
Where T
J (max) ≤ 125°C and θCS is between 0 and 2°C/W.
The heat sink may be significantly reduced in applications
where the minimum input voltage is known and is large
compared with the dropout voltage. Use a series input
resistor to drop excessive voltage and distribute the heat
between this resistor and the regulator. The low dropout
properties of Micrel Super ßeta PNP regulators allow very
significant reductions in regulator power dissipation and the
associated heat sink without compromising performance.
When this technique is employed, a capacitor of at least 1
µF
is needed directly between the input and regulator ground.
Please refer to Application Note 9 for further details and
examples on thermal design and heat sink specification.
Capacitor Requirements
For stability and minimum output noise, a capacitor on the
regulator output is necessary. The value of this capacitor is
dependent upon the output current; lower currents allow
smaller capacitors. The MIC29311 regulator is stable with a
minimum capacitor value of 10
µF at full load.
This capacitor need not be an expensive low ESR type:
aluminum electrolytics are adequate. In fact, extremely low
ESR capacitors may contribute to instability. Tantalum ca-
pacitors are recommended for systems where fast load
transient response is important.
Where the regulator is powered from a source with a high AC
impedance, a 0.1
µF capacitor connected between Input and
GND is recommended. This capacitor should have good
characteristics to above 250kHz. When the regulator is
located more than 3 inches from the ac bulk supply capaci-
tors, a 1
µF or greater input capacitor is recommended.
Minimum Load Current
The MIC29311 regulator is specified between finite loads. If
the output current is too small, leakage currents dominate
and the output voltage rises. A 10mA minimum load current
is necessary for proper regulation.
Enable Input
The MIC29311 version features an enable (EN) input that
allows on-off control of the device. Special design allows
“zero” current drain when the device is disabled—only micro-
amperes of leakage current flows. The EN input has TTL/
CMOS compatible thresholds for simple interfacing with
logic, or may be directly tied to V
IN. Enabling the regulator
requires approximately 20
µA of current into the EN pin.
Error Flag
The MIC29311 features an error flag which looks at the output
voltage and signals an error condition when this voltage
drops 5% below its expected value. The error flag is an open-
collector output that pulls low under fault conditions. It may
sink 10mA. Low output voltage signifies a number of possible
problems, including an overcurrent fault (the device is in
current limit) and low input voltage. The flag output is inopera-
tive during overtemperature shutdown conditions.
USB Applications
The main application of the MIC29311 is to control power
distribution in a self-powered Universal Serial Bus hub. For
self-powered hubs, the MIC29311 provides 5.1V
±3% to
downstream ports from an unregulated supply voltage (see


Similar Part No. - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29311-5.1BT MICREL-MIC29311-5.1BT Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311-5.1WT MICREL-MIC29311-5.1WT Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
More results

Similar Description - MIC29311

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
MIC5208 MICREL-MIC5208 Datasheet
54Kb / 6P
   Dual 50mA LDO Voltage Regulator Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com