Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29310-3.3BT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC29310-3.3BT
Description  3A Fast-Response LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310-3.3BT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC29310-3.3BT Datasheet HTML 4Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 5Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 6Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 7Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 8Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 9Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 10Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 11Page - Micrel Semiconductor MIC29310-3.3BT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
10
July 1999
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.100 BSC
0.050
0.050
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
TO-263-3 (U)
0.067
±0.005
0.032
±0.003
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.060
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
TO-263-5 (U)


Similar Part No. - MIC29310-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310-3.3BT MICREL-MIC29310-3.3BT Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
More results

Similar Description - MIC29310-3.3BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
   3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com