Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN6R0-25YLB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN6R0-25YLB
Description  N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN6R0-25YLB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN6R0-25YLB_15 Datasheet HTML 3Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 4Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 5Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 6Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 7Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 8Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 9Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 10Page - NXP Semiconductors PSMN6R0-25YLB_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN6R0-25YLB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 31 October 2011
7 of 15
NXP Semiconductors
PSMN6R0-25YLB
N-channel 25 V 6.1 m
Ω logic level MOSFET in LFPAK using NextPower technology
Qoss
output charge
VGS =0V; VDS =12V; f=1MHz
-
6.6
-
nC
Source-drain diode
VSD
source-drain voltage
IS =20A; VGS =0V; Tj =25°C;
see Figure 17
-
0.85
1.1
V
trr
reverse recovery time
IS =20A; dIS/dt = -100 A/µs;
VGS =0V; VDS =12V
-27
-ns
Qr
recovered charge
-
18
-
nC
ta
reverse recovery rise time
VGS =0V; IS =20A;
dIS/dt = -100 A/µs; VDS =12V;
see Figure 18
-15
-ns
tb
reverse recovery fall time
-
12
-
ns
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Output characteristics; drain current as a
function of drain-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
003aag109
0
20
40
60
80
01
23
45
V
DS(V)
I
D
(A)
2.4
2.2
V
GS(V) = 3.0
2.6
2.8
3.5
4.5
10
003aag110
0
10
20
30
40
0
4
8
12
16
V
GS(V)
R
DSon
(m
Ω)


Similar Part No. - PSMN6R0-25YLB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
More results

Similar Description - PSMN6R0-25YLB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN6R0-25YLB PHILIPS-PSMN6R0-25YLB Datasheet
308Kb / 15P
   N-channel 25 V 6.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-31 October 2011
logo
Nexperia B.V. All right...
PSMN6R0-25YLB NEXPERIA-PSMN6R0-25YLB Datasheet
915Kb / 15P
   N-channel 25 V 6.1 mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 2 - 31 October 2011
logo
NXP Semiconductors
PSMN3R7-25YLC PHILIPS-PSMN3R7-25YLC Datasheet
358Kb / 15P
   N-channel 25 V 3.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN9R0-25YLC_1111 PHILIPS-PSMN9R0-25YLC_1111 Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 November 2011
PSMN9R0-25YLC NXP-PSMN9R0-25YLC Datasheet
298Kb / 15P
   N-channel 25 V 9.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN1R7-25YLC PHILIPS-PSMN1R7-25YLC Datasheet
349Kb / 15P
   N-channel 25 V 1.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN7R5-25YLC NXP-PSMN7R5-25YLC Datasheet
304Kb / 15P
   N-channel 25 V 7.4 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
PSMN2R9-25YLC PHILIPS-PSMN2R9-25YLC_15 Datasheet
363Kb / 15P
   N-channel 25 V 3.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-2 May 2011
PSMN0R9-25YLC PHILIPS-PSMN0R9-25YLC_15 Datasheet
306Kb / 15P
   N-channel 25 V 0.99 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-4 July 2011
PSMN6R5-25YLC NXP-PSMN6R5-25YLC Datasheet
296Kb / 15P
   N-channel 25 V 6.5 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-12 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com