Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN4R3-80ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN4R3-80ES
Description  N-channel 80 V, 4.3 m standard level MOSFET in I2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN4R3-80ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN4R3-80ES_15 Datasheet HTML 3Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 4Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 5Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 6Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 7Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 8Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 9Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 10Page - NXP Semiconductors PSMN4R3-80ES_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN4R3-80ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 02 — 18 April 2011
7 of 15
NXP Semiconductors
PSMN4R3-80ES
N-channel 80 V, 4.3 m
Ω standard level MOSFET in I2PAK
[1]
Measured 3 mm from package.
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0 V; Tj =25°C;
see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =25A; dIS/dt = 100 A/µs;
VGS =0V; VDS =20V
-59
-
ns
Qr
recovered charge
-
109
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Output characteristics: drain current as a
function of drain-source voltage; typical values
003aaf619
0
50
100
150
200
250
0
1530
4560
75
I
D (A)
g
fs
(S)
003aaf620
0
20
40
60
80
0246
V
GS(V)
I
D
(A)
T
j = 25 °C
T
j = 175 °C
003aaf621
0
5
10
15
20
25
0
5
10
15
20
V
GS(V)
R
DSon
(m
Ω)
003aaf622
0
20
40
60
80
100
0
0.5
1
1.5
V
DS(V)
I
D
(A)
4.4
4.2
4.0
8.0
5.5
6.0
20.0
V
GS(V) = 4.5


Similar Part No. - PSMN4R3-80ES_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m廓 standard level MOSFET in I2PAK
Rev. 02-18 April 2011
logo
Nexperia B.V. All right...
PSMN4R3-80ES NEXPERIA-PSMN4R3-80ES Datasheet
825Kb / 15P
   N-channel 80 V, 4.3 mΩ standard level MOSFET in I2PAK
Rev. 02 - 18 April 2011
More results

Similar Description - PSMN4R3-80ES_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R3-80ES PHILIPS-PSMN4R3-80ES Datasheet
240Kb / 15P
   N-channel 80 V, 4.3 m廓 standard level MOSFET in I2PAK
Rev. 02-18 April 2011
logo
Nexperia B.V. All right...
PSMN4R3-80ES NEXPERIA-PSMN4R3-80ES Datasheet
825Kb / 15P
   N-channel 80 V, 4.3 mΩ standard level MOSFET in I2PAK
Rev. 02 - 18 April 2011
logo
NXP Semiconductors
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES_15 Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN4R3-80PS PHILIPS-PSMN4R3-80PS_15 Datasheet
247Kb / 15P
   N-channel 80 V, 4.3 m standard level MOSFET in TO220
Rev. 03-18 April 2011
PSMN3R5-80ES PHILIPS-PSMN3R5-80ES_15 Datasheet
238Kb / 15P
   N-channel 80 V, 3.5 m廓 standard level MOSFET in I2PAK
Rev. 02-19 April 2011
PSMN3R3-80ES PHILIPS-PSMN3R3-80ES Datasheet
193Kb / 14P
   N-channel 80 V, 3.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
logo
Nexperia B.V. All right...
PSMN4R3-100ES NEXPERIA-PSMN4R3-100ES Datasheet
807Kb / 14P
   N-channel 100 V 4.3 mΩ standard level MOSFET in I2PAK
Rev. 1 - 31 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com