Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM100N1 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQM100N1
Description  Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM100N1 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SQM100N1_15 Datasheet HTML 2Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 3Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 4Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 5Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 6Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 7Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 8Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 9Page - Vishay Siliconix SQM100N1_15 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 30-Sep-13
1
Document Number: 71198
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-263 (D2PAK): 3-LEAD
Notes
1. Plane B includes maximum features of heat sink tab and plastic.
2. No more than 25 % of L1 can fall above seating plane by
max. 8 mils.
3. Pin-to-pin coplanarity max. 4 mils.
4. *: Thin lead is for SUB, SYB.
Thick lead is for SUM, SYM, SQM.
5. Use inches as the primary measurement.
6. This feature is for thick lead.
-A-
-B-
A
A
e
b2
b
E
A
c2
c
Detail “A”
E1
E2
K
E3
6
0.010 M A M
2 PL
DETAIL A (ROTATED 90°)
SECTION A-A
L1
b1
b
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.160
0.190
4.064
4.826
b
0.020
0.039
0.508
0.990
b1
0.020
0.035
0.508
0.889
b2
0.045
0.055
1.143
1.397
c*
Thin lead
0.013
0.018
0.330
0.457
Thick lead
0.023
0.028
0.584
0.711
c1
Thin lead
0.013
0.017
0.330
0.431
Thick lead
0.023
0.027
0.584
0.685
c2
0.045
0.055
1.143
1.397
D
0.340
0.380
8.636
9.652
D1
0.220
0.240
5.588
6.096
D2
0.038
0.042
0.965
1.067
D3
0.045
0.055
1.143
1.397
D4
0.044
0.052
1.118
1.321
E
0.380
0.410
9.652
10.414
E1
0.245
-
6.223
-
E2
0.355
0.375
9.017
9.525
E3
0.072
0.078
1.829
1.981
e
0.100 BSC
2.54 BSC
K
0.045
0.055
1.143
1.397
L
0.575
0.625
14.605
15.875
L1
0.090
0.110
2.286
2.794
L2
0.040
0.055
1.016
1.397
L3
0.050
0.070
1.270
1.778
L4
0.010 BSC
0.254 BSC
M
-
0.002
-
0.050
ECN: T13-0707-Rev. K, 30-Sep-13
DWG: 5843


Similar Part No. - SQM100N1_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM100N10-10 VISHAY-SQM100N10-10 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM100N10-10 VISHAY-SQM100N10-10 Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM100N10-10 VISHAY-SQM100N10-10 Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM100N10-10 VISHAY-SQM100N10-10 Datasheet
162Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 째C MOSFET
SQM100N10-10 VISHAY-SQM100N10-10 Datasheet
163Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
More results

Similar Description - SQM100N1_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM70060EL VISHAY-SQM70060EL Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQR70090ELR VISHAY-SQR70090ELR Datasheet
240Kb / 7P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 05-Sep-16
SQ2398ES VISHAY-SQ2398ES_15 Datasheet
260Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 30-Jul-15
SQJ456EP VISHAY-SQJ456EP_15 Datasheet
172Kb / 11P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. F, 28-Nov-11
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_15 Datasheet
165Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 22-Apr-13
SQM70060EL VISHAY-SQM70060EL_V02 Datasheet
205Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA68EP VISHAY-SQJA68EP_V02 Datasheet
262Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA700CEJW VISHAY-SQA700CEJW_V02 Datasheet
177Kb / 6P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ476EP VISHAY-SQJ476EP_V01 Datasheet
303Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD50N10-8M9L VISHAY-SQD50N10-8M9L_V02 Datasheet
165Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQP120N10-09 VISHAY-SQP120N10-09_15 Datasheet
153Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com