Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM60N06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQM60N06
Description  Automotive N-Channel 60 V (D-S) 175 C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM60N06 Datasheet(HTML) 3 Page - Vishay Siliconix

  SQM60N06_15 Datasheet HTML 1Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 2Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 3Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 4Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 5Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 6Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 7Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 8Page - Vishay Siliconix SQM60N06_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SQM60N06-15
www.vishay.com
Vishay Siliconix
S11-2035-Rev. C, 17-Oct-11
3
Document Number: 64710
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
0
3
6
9
12
15
VGS = 10 V thru 7 V
VGS =5V
VGS =4V
VGS =6V
V
DS - Drain-to-Source Voltage (V)
0
20
40
60
80
100
0
12243648
60
ID - Drain Current (A)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
500
1000
1500
2000
2500
3000
0
102030
405060
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0
20
40
60
80
100
0
2468
10
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
0.005
0.010
0.015
0.020
0.025
0.030
0
20406080
100
VGS =10V
I
D - Drain Current (A)
0
2
4
6
8
10
0
5
10
15
20
25
30
35
ID =60A
VDS =30V
Q
g - Total Gate Charge (nC)


Similar Part No. - SQM60N06_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM60N06-15 VISHAY-SQM60N06-15 Datasheet
703Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. C, 17-Oct-11
SQM60N06-15 VISHAY-SQM60N06-15 Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM60N06-15 VISHAY-SQM60N06-15 Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM60N06-15 VISHAY-SQM60N06-15 Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
SQM60N06-15 VISHAY-SQM60N06-15 Datasheet
197Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SQM60N06_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
SQ3426EV VISHAY-SQ3426EV_15 Datasheet
146Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQD97N06-6M3L VISHAY-SQD97N06-6M3L_15 Datasheet
174Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 28-Oct-13
SQP120N06-06 VISHAY-SQP120N06-06_15 Datasheet
154Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 10-Aug-15
SQS164ELNW VISHAY-SQS164ELNW Datasheet
175Kb / 6P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM60N06-15 VISHAY-SQM60N06-15_V01 Datasheet
198Kb / 11P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
SQP60N06-15 VISHAY-SQP60N06-15 Datasheet
135Kb / 8P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com