Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2774N-XXBM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2774N-XXBM5
Description  Dual Micro-Power Low Voltage Supervisor Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2774N-XXBM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2774N-XXBM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2774N-XXBM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
September 29, 2000
3
MIC2774
MIC2774
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DD) ..................................... –0.3V to +7V
Input Voltages (V
IN, V/MR) .............................. –0.3V to +7V
Output Voltages (V
/RST, VRST) ....................... –0.3V to +7V
RST, (/RST) Current .................................................. 20mA
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3 ................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (V
DD) .................................. +1.5V to +5.5V
Input Voltages (V
IN, V/MR) ........................... –0.3V to +6.0V
Output Voltages
V
/RST (N version), .................................... –0.3V to +6.0V
V
/RST, VRST (H and L versions) ......... –0.3V to VDD+0.3V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Package Thermal Resistance (
θ
JA) ...................... 256°C/W
Electrical Characteristics
Note 5; T
A = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
V
DD = VIN = VTH +1.6%,
3.5
µA
Note 5; /MR, RST, /RST open
VDD VOLTAGE THRESHOLD
Under-Voltage Threshold On V
DD
V
TH–1.5%
V
TH
V
TH+1.5%
V
(See Standard Voltage Options Table)
V
HYST
Hysteresis Voltage
1%
IN, UNDER-VOLTAGE DETECTOR INPUT
V
REF
Under-Voltage Threshold
Note 5
295
300
305
mV
V
HYST
Hysteresis Voltage
3mV
I
IN
Input Current
5pA
T
MIN ≤ TA ≤ TMAX
10
nA
RST, /RST OUTPUTS
t
PROP
Propagation Delay
V
IN = (VREF(MAX) + 100mV) to
20
µs
V
IN = (VREF(MIN) – 100mV), /MR = open;
t
RST
Reset Pulse Width
T
MIN ≤ TA ≤ TMAX
140
280
ms
V
OL
RST or /RST Output Voltage Low
I
SINK = 1.6mA;
0.3
V
V
DD ≥ 1.6V
I
SINK = 100µA;
0.3
V
V
DD ≥ 1.2V; Note 4
V
OH
RST or /RST Output Voltage High
I
SOURCE = 500µA;
0.8V
DD
V
V
DD ≥ 1.5V
(H and L Version Only)
I
SOURCE = 10µA;
0.8V
DD
V
V
DD ≥ 1.2V; Note 4
/MR INPUTS
V
IH
Input High Voltage
Note 5
0.7V
DD
V
V
IL
Input Low Voltage
Note 5
0.3V
DD
V
t
PROP
Propagation Delay
V
/MR < (VIL –100mV); Note 5
5
µs
t
MIN
Minimum Input Pulse Width
Reset Occurs, V
/MR < VIL
33
ns
I
PU
Internal Pull-up Current
100
nA
I
IN
Input Current, /MR
V
/MR < VIL
100
nA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
V
DD operating range is 1.5V to 5.5V. Output is guaranteed to be asserted down to VDD = 1.2V.
Note 5.
V
DD equals nominal “Typical Application (VDD)” as shown in “Standard Voltage Options Table.”


Similar Part No. - MIC2774N-XXBM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2774N-XXBM5 MICREL-MIC2774N-XXBM5 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
More results

Similar Description - MIC2774N-XXBM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2777 MICREL-MIC2777 Datasheet
375Kb / 8P
   Dual Micro-Power Low Voltage Supervisor Advance Information
MIC2775 MICREL-MIC2775 Datasheet
365Kb / 7P
   Micro-Power Voltage Supervisor Advance Information
MIC2777 MICREL-MIC2777_05 Datasheet
167Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_15 Datasheet
456Kb / 11P
   Dual Micro-Power Low Voltage Supervisor
MIC2774 MICREL-MIC2774_05 Datasheet
732Kb / 8P
   Dual Micro-Power Low Voltage Supervisor
MIC184 MICREL-MIC184 Datasheet
140Kb / 21P
   Local/Remote Thermal Supervisor Advance Information
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
MIC2776 MICREL-MIC2776_05 Datasheet
161Kb / 8P
   Micro-Power Low Voltage Supervisor
MIC2776 MICREL-MIC2776 Datasheet
378Kb / 8P
   Micro-Power Low Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com