Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2564A-0BTS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2564A-0BTS
Description  Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2564A-0BTS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2564A-0BTS Datasheet HTML 1Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 2Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 3Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 4Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 5Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 6Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 7Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 8Page - Micrel Semiconductor MIC2564A-0BTS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MIC2564A
Micrel
September 1999
3
MIC2564A
Electrical Characteristics
V
CC3 IN = 3.3V, VCC5 IN = 5.0V, VPP IN = 12V; TA = 25°C, bold indicates –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
PP Output
I
PP OUT
High Impedance Output
shutdown mode
1
10
µA
Hi-Z
Leakage Current
V
PP OUT = 0V
I
PPSC
Short Circuit Current Limit
V
PP OUT = 0V, normal mode, Note 4
120
260
400
mA
R
O
Switch Resistance
V
PP OUT = 5V selected,
1.6
5
I
PP OUT = –100mA (sourcing)
V
PP OUT = 3.3V selected,
1.3
5
I
PP OUT = –100mA (sourcing)
V
PP OUT = 12V selected, VPP IN = 12V,
1.3
2.3
I
PP OUT = –100 mA (sourcing)
V
PP OUT = 0V [ground] selected,
2000
5000
I
PP OUT = 50µA (sinking)
V
PP Switching Time (See Figure 2)
t
1
Output Turn-On Delay, Note 5
V
PP OUT = Hi-Z to 10% of 3.3V, RL = 100Ω
1
100
µs
t
2
V
PP OUT = Hi-Z to 10% of 5V, RL = 100Ω
1
100
µs
t
3
V
PP OUT = Hi-Z to 10% of 12, RL = 100Ω
50
250
µs
t
4
Output Rise Time
V
PP OUT = 10% to 90% of 3.3, RL = 100Ω
10
100
500
µs
t
5
V
PP OUT = 10% to 90% of 5, RL = 100Ω
10
250
1000
µs
t
6
V
PP OUT = 10% to 90% of 12, RL = 100Ω
10
100
500
µs
t
7
Output Transition Time, Note 5
V
PP OUT = 3.3V to 90% of 12V, RL = 100Ω
10
100
500
µs
t
8
V
PP OUT = 5V to 90% of 12, RL = 100Ω
10
100
500
µs
t
9
V
PP OUT = 12V to 90% of 3.3, RL = 100Ω
10
100
500
µs
t
10
V
PP OUT = 12V to 90% of 5, RL = 100Ω
10
250
1000
µs
t
11
Output Turnoff Fall Time
V
PP OUT = 90% to 10% of 3.3, RL = 100Ω
1
500
µs
t
12
V
PP OUT = 90% to 10% of 5, RL = 100Ω
1
500
µs
t
13
V
PP OUT = 90% to 10% of 12, RL = 100Ω
1
500
µs
Absolute Maximum Ratings (Note 1)
V
PP IN ...................................................................... +13.6V
V
CC3 IN ....................................................................... +6.0V
V
CC5 IN ....................................................................... +6.0V
V
SCL, VSDA, VSLA, VRST# .................................... –0.3V to +6.0V
V
A FLAG, VB FLAG ....................................................... +6.0V
A or B V
PP OUT ....................... >120mA, Internally Limited
A or B V
CC OUT .............................. >1A, Internally Limited
Power Dissipation at T
A ≤ 25°C (PD) ....... Internally Limited
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (5 sec.) ...................................... +260
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
V
PP IN ............................................................ 0V to +13.2V
V
CC3 IN ........................................................ +3.0V to +5.5V
V
CC5 IN ............................................................. 0V to +5.5V
V
SCL, VSDA, VSLA, VRST# ................................. 0V to +5.5V
A or B V
PP OUT ................................................ 0 to 120mA
A or B V
CC OUT ....................................................... 0 to 1A
Clock Frequency ................................................. 0 to 2MHz
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ...................................... +125°C
Package Thermal Resistance (
θ
JA)
SSOP .............................................................. 90˚C/W
TSSOP ............................................................ 83˚C/W


Similar Part No. - MIC2564A-0BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2564A-0BTS MICREL-MIC2564A-0BTS Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results

Similar Description - MIC2564A-0BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com