Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2570 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2570
Description  Two-Cell Switching Regulator Preliminary Information
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2570 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2570 Datasheet HTML 1Page - Micrel Semiconductor MIC2570 Datasheet HTML 2Page - Micrel Semiconductor MIC2570 Datasheet HTML 3Page - Micrel Semiconductor MIC2570 Datasheet HTML 4Page - Micrel Semiconductor MIC2570 Datasheet HTML 5Page - Micrel Semiconductor MIC2570 Datasheet HTML 6Page - Micrel Semiconductor MIC2570 Datasheet HTML 7Page - Micrel Semiconductor MIC2570 Datasheet HTML 8Page - Micrel Semiconductor MIC2570 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC2570
Micrel
4-62
1997
MIC2570
Two-Cell Switching Regulator
Preliminary Information
General Description
Micrel’s MIC2570 is a micropower boost switching regulator
that operates from two alkaline, two nickel-metal-hydride
cells, or one lithium cell.
The MIC2570 accepts a positive input voltage between 1.3V
and 15V. Its typical no-load supply current is 130
µA.
The MIC2570 is available in selectable fixed output or adjust-
able output versions. The MIC2570-1 can be configured for
2.85V, 3.3V, or 5V by connecting one of three separate
feedback pins to the output. The MIC2570-2 can be config-
ured for an output voltage ranging between its input voltage
and 36V, using an external resistor network.
The MIC2570 has a fixed switching frequency of 20kHz. An
external SYNC connection allows the switching frequency to
be synchronized to an external signal.
The MIC2570 requires only four components (diode, induc-
tor, input capacitor and output capacitor) to implement a
boost regulator. A complete regulator can be constructed in
a 0.6 in2 area.
All versions are available in an 8-lead SOIC with an operating
range from –40
°C to +85°.
Typical Applications
Features
• Operates from a two-cell supply
1.3V to 15V operation
• 130
µA typical quiescent current
• Complete regulator fits 0.6 in2 area
• 2.85V/3.3V/5V selectable output voltage (MIC2570-1)
• Adjustable output up to 36V (MIC2570-2)
• 1A current limited pass element
• Frequency synchronization input
• 8-lead SOIC package
Applications
• LCD bias generator
• Glucose meters
• Single-cell lithium to 3.3V or 5V converters
• Two-cell alkaline to
±5V converters
• Two-cell alkaline to –5V converters
• Battery-powered, hand-held instruments
• Palmtop computers
• Remote controls
• Detectors
• Battery Backup Supplies
Two-Cell to 5V DC-to-DC Converter
IN
SW
GND
MIC2570-1
C2
220µF
10V
5V/100mA
C1
100µF
10V
2.0V–3.1V
2 AA Cells
2.85V
3.3V
5V
2
4
5
6
1
7
8
L1
47µH
SYNC
D1
MBRA140
Single-Cell Lithium to 3.3V/80mARegulator
GND
3.3V
SW
MIC2570
SYNC
7
5
1
2
8
IN
C3
330µF
6.3V
VOUT
3.3V/80mA
2.5V to 4.2V
1 Li Cell
C1
100µF
10V
D1
MBRA140
L1
50µH
L1
C2
100µF
10V
U1
12
3
4


Similar Part No. - MIC2570

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570 Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2570 MIC-MIC2570 Datasheet
366Kb / 15P
   Two-Cell Switching Regulator
logo
Micrel Semiconductor
MIC2570-1BM MICREL-MIC2570-1BM Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2570-1BM MIC-MIC2570-1BM Datasheet
366Kb / 15P
   Two-Cell Switching Regulator
MIC2570-1YM MIC-MIC2570-1YM Datasheet
366Kb / 15P
   Two-Cell Switching Regulator
More results

Similar Description - MIC2570

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
   100kHz 2.5A Switching Regulator Preliminary Information
logo
MIC GROUP RECTIFIERS
MIC2570 MIC-MIC2570_11 Datasheet
366Kb / 15P
   Two-Cell Switching Regulator
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
   Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com