Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL2105EVK2 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ZL2105EVK2
Description  3A Integrated Digital DC-DC Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2105EVK2 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ZL2105EVK2 Datasheet HTML 4Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 5Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 6Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 7Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 8Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 9Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 10Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 11Page - Intersil Corporation ZL2105EVK2 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ZL2105
8
FN6851.2
March 30, 2011
3. Typical Application Circuit
The following application circuit represents a typical implementation of the ZL2105.
UVLO
ILIM
SCL
SDA
SALRT
XTEMP
DGND
SA
SYNC
ZL2105
VDDP
SW
SW
PGND
PGND
CP2
VR
VDDP
BST
1
2
3
4
5
6
7
8
9
27
26
25
24
23
22
21
20
19
VOUT
3.3V
VIN
12V
I
2C/SMBus
ENABLE
PGOOD
CB
47nF
CR
4.7µF
CRA
4.7µF
C25
10µF
CDD
2.2µF
CDR
100nF
COUT
150µF
LOUT
4.7µH
CIN
100µF
RVR
91
F.B.*
* Ferrite bead is optional for input noise suppression
Figure 3. 12 V to 3.3 V / 3 A Application Circuit
(10.8 V UVLO, 10 ms SS delay, 50 ms SS ramp, 12 V used for low-side FET driver)


Similar Part No. - ZL2105EVK2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2105 INTERSIL-ZL2105 Datasheet
650Kb / 36P
   3A Integrated Digital DC-DC Converter
logo
Renesas Technology Corp
ZL2105 RENESAS-ZL2105 Datasheet
1Mb / 36P
   3A Integrated Digital DC-DC Converter
logo
Intersil Corporation
ZL2105ALNFT INTERSIL-ZL2105ALNFT Datasheet
650Kb / 36P
   3A Integrated Digital DC-DC Converter
ZL2105ALNFT1 INTERSIL-ZL2105ALNFT1 Datasheet
650Kb / 36P
   3A Integrated Digital DC-DC Converter
More results

Similar Description - ZL2105EVK2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2105 RENESAS-ZL2105 Datasheet
1Mb / 36P
   3A Integrated Digital DC-DC Converter
logo
Intersil Corporation
ZL2105 INTERSIL-ZL2105 Datasheet
650Kb / 36P
   3A Integrated Digital DC-DC Converter
logo
Renesas Technology Corp
ZL2103 RENESAS-ZL2103 Datasheet
1Mb / 28P
   3A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2103 INTERSIL-ZL2103 Datasheet
929Kb / 28P
   3A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Rohm
RSQ030P03 ROHM-RSQ030P03 Datasheet
94Kb / 5P
   DC-DC Converter (-30V, -3A)
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com