Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL1505ALNFT1 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ZL1505ALNFT1
Description  Synchronous Step-Down MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL1505ALNFT1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ZL1505ALNFT1 Datasheet HTML 3Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 4Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 5Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 6Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 7Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 8Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 9Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 10Page - Intersil Corporation ZL1505ALNFT1 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ZL1505
7
FN6845.3
February 25, 2011
Typical Performance Curves Performance curves with temperature are measured at ambient temperatures (T
A) of
+85°C, +25°C, and -25°C.
FIGURE 4. IVDD vs VDD WITH TEMPERATURE (NO SWITCHING)
FIGURE 5. THERMAL PROTECTION THRESHOLDS
FIGURE 6. MINIMUM GH ON-TIME, tGH,ON (TA = +25°C)
FIGURE 7. tGH,ON WITH TEMPERATURE (CGH = 0) (see Figure 3
for tGH,ON timing)
FIGURE 8. MINIMUM PWMH ON-TIME, tPWMH,ON (CGH = 0)
FIGURE 9. MINIMUM PWMH OFF-TIME, tPWMH,OFF (CGH = 0)
130
100
110
120
80
90
70
4.5
5.5
6.5
7.5
VDD (V)
5.0
6.0
7.0
+25
°C
+85
°C
-25
°C
155
140
145
150
125
135
120
4.5
7.5
VDD (V)
130
7.0
6.5
6.0
5.5
5.0
TRISING
TFALLING
22
16
18
20
10
14
8
4.5
7.5
VDD (V)
12
7.0
6.5
6.0
5.5
5.0
CGH = 3nF, HSEL = SW
CGH = 3nF, HSEL = BST
CGH = 0
VDD (V)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
16
13
14
15
10
12
8
11
9
+25
°C
+85
°C
-25
°C
16
10
12
14
4
8
2
6
VDD (V)
4.5
7.5
7.0
6.5
6.0
5.5
5.0
+25
°C
-25
°C
VDD (V)
16
10
12
14
4
8
2
6
+85
°C
4.5
7.5
7.0
6.5
6.0
5.5
5.0
VDD (V)
30
22
26
14
18
10
-25
°C
+25
°C
+85
°C


Similar Part No. - ZL1505ALNFT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505ALNFT1 RENESAS-ZL1505ALNFT1 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
More results

Similar Description - ZL1505ALNFT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL1505 RENESAS-ZL1505 Datasheet
595Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Intersil Corporation
ZL1505 INTERSIL-ZL1505_10 Datasheet
380Kb / 13P
   Synchronous Step-Down MOSFET Drivers
logo
Fairchild Semiconductor
FD1505 FAIRCHILD-FD1505 Datasheet
716Kb / 2P
   Synchronous Step-Down MOSFET Driver
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com