Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV160ATXEI-70 Datasheet(PDF) 1 Page - Macronix International

Part # MX29LV160ATXEI-70
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160ATXEI-70 Datasheet(HTML) 1 Page - Macronix International

  MX29LV160ATXEI-70 Datasheet HTML 1Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 2Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 3Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 4Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 5Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 6Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 7Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 8Page - Macronix International MX29LV160ATXEI-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
1
P/N:PM0866
REV. 3.7, APR. 23, 2003
MX29LV160T/B & MX29LV160AT/AB
16M-BIT[2Mx8/1Mx16]CMOSSINGLEVOLTAGE
3VONLYFLASHMEMORY
• Ready/Busy pin (RY/BY)
- Provides a hardware method of detecting program or
erase operation completion.
• Sector protection
- Hardware method to disable any combination of
sectors from program or erase operations
- Temporary sector unprotect allows code changes in
previously locked sectors.
• CFI (Common Flash Interface) compliant (for
MX29LV160AT/AB)
- Flash device parameters stored on the device and
provide the host system to access
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Low VCC write inhibit is equal to or less than 1.4V
• Package type:
- 44-pin SOP
- 48-pin TSOP
- 48-ball CSP (8x13mm:for MX29LV160T/B; 6x8mm:
for MX29LV160AT/AB)
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
FEATURES
• Extended single - supply voltage range 2.7V to 3.6V
• 2,097,152 x 8/1,048,576 x 16 switchable
• Single power supply operation
- 3.0V only operation for read, erase and program
operation
• Fast access time: 70/90ns
• Low power consumption
- 30mA maximum active current
- 0.2uA typical standby current
• Command register architecture
- Byte/word Programming (9us/11us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x31)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability.
- Automatically program and verify data at specified
address
• Erase Suspend/Erase Resume
- Suspends sector erase operation to read data from,
or program data to, any sector that is not being erased,
then resumes the erase.
• Status Reply
- Data polling & Toggle bit for detection of program and
erase operation completion.
GENERAL DESCRIPTION
The MX29LV160T/B & MX29LV160AT/AB is a 16-mega
bit Flash memory organized as 2M bytes of 8 bits or 1M
words of 16 bits. MXIC's Flash memories offer the most
cost-effective and reliable read/write non-volatile random
access memory. The MX29LV160T/B & MX29LV160AT/
AB is packaged in 44-pin SOP, 48-pin TSOP and 48-ball
CSP. It is designed to be reprogrammed and erased in
system or in standard EPROM programmers.
The standard MX29LV160T/B & MX29LV160AT/AB of-
fers access time as fast as 70ns, allowing operation of
high-speed microprocessors without wait states. To elimi-
nate bus contention, the MX29LV160T/B &
MX29LV160AT/AB has separate chip enable (CE) and
output enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29LV160T/B & MX29LV160AT/AB uses a command
register to manage this functionality. The command reg-
ister allows for 100% TTL level control inputs and fixed
power supply levels during erase and programming, while
maintaining maximum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and program operations produces reliable cy-
cling. The MX29LV160T/B & MX29LV160AT/AB uses a
2.7V~3.6V VCC supply to perform the High Reliability
Erase and auto Program/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.
Part Name
Difference
MX29LV160T/B
1) Without CFI compliant
2)CSP dimension:8x13mm
MX29LV160AT/AB
1) With CFI compliant
2)CSP dimension:6x8mm


Similar Part No. - MX29LV160ATXEI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BB MCNIX-MX29LV160BB Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-70 MCNIX-MX29LV160BBMC-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-90 MCNIX-MX29LV160BBMC-90 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMI-70 MCNIX-MX29LV160BBMI-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160ATXEI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com