Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97671AIRZ-EVALZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97671AIRZ-EVALZ
Description  6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97671AIRZ-EVALZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL97671AIRZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL97671AIRZ-EVALZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL97671A
8
FN7709.3
November 30, 2012
Typical Performance Curves
FIGURE 3. EFFICIENCY vs UP TO 30mA LED CURRENT (100% LED
DUTY CYCLE) vs VIN
FIGURE 4. EFFICIENCY vs VIN vs SWITCHING FREQUENCY AT 20mA
(100% LED DUTY CYCLE)
FIGURE 5. EFFICIENCY vs VIN vs SWITCHING FREQUENCY AT 30mA
(100% LED DUTY CYCLE)
FIGURE 6. EFFICIENCY vs VIN vs TEMPERATURE AT 20mA
(100% LED DUTY CYCLE)
FIGURE 7. CHANNEL-TO-CHANNEL CURRENT MATCHING
FIGURE 8. CURRENT LINEARITY vs LOW LEVEL PWM DIMMING
DUTY CYCLE vs VIN
100
70
80
90
50
30
40
60
0
10
20
0
5
10
15
20
25
ILED(mA)
30
35
6P10S LEDs
5VIN
12VIN
24VIN
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
1.2MHz
580kHz
VIN(V)
0
5
10
15
20
25
VIN(V)
30
1.2MHz
0
20
40
60
80
100
580k
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
+25°C
-40°C
0°C
+85°C
VIN(V)
0.40
0.10
0.20
0.30
-0.10
-0.20
0.00
0
12345
CHANNEL
6
-0.30
-0.40
7
21VIN
12VIN
4.5VIN
0
0.2
0.4
0.6
0.8
1.0
1.2
01
4
PWM DIMMING DUTY CYCLE(%)
23
56
12 VIN
4.5 VIN


Similar Part No. - ISL97671AIRZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671AIRZ-EVALZ INTERSIL-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97671AIRZ-EVALZ RENESAS-ISL97671AIRZ-EVALZ Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
More results

Similar Description - ISL97671AIRZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671A INTERSIL-ISL97671A Datasheet
1Mb / 28P
   6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
   6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
logo
Intersil Corporation
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
   6-Channel LED Driver with Phase Shift Control
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com