Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97649AIRZ-TR5566 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL97649AIRZ-TR5566
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649AIRZ-TR5566 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL97649AIRZ-TR5566 Datasheet HTML 2Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 3Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 4Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 5Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 6Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 7Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 8Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 9Page - Intersil Corporation ISL97649AIRZ-TR5566 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL97649AR5566
6
FN8774.0
September 11, 2015
Submit Document Feedback
DVLDO/
DIOUT
Load Regulation
1mA < ILDO < 350mA
0.2
%
VDO
Dropout Voltage
Output drops by 2%, ILDO = 350mA
225
300
mV
ILIML
Current Limit
Output drops by 5%
330
425
mA
VADJ
ADJ Reference Voltage
ILOAD = 50mA, TA = +25°C
0.792
0.8
0.808
V
IADJ
ADJ Input Bias Current
0.1
µA
GATE PULSE MODULATOR
VGH
VGH Voltage
733
V
VIH_VDPM
VDPM Enable Threshold
1.13
1.215
1.30
V
IVGH
VGH Input Current
VFLK = 0
125
µA
RE = 100kΩ, VFLK = VIN
27.5
µA
VGPM_LO
GPM_LO Voltage
2VGH-2
V
IGPM_LO
VGPM_LO Input Current
-2
0.1
2
µA
VCEth1
CE Threshold Voltage 1
0.6xVIN
0.8xVIN
V
VCEth2
CE Threshold Voltage 2
1.215
V
ICE
CE Current
100
µA
RVGHM_PD
VGHM Pull-down Resistance
1.1
RONVGH
VGH to VGHM On Resistance
23
Ω
IDPM
VDPM Charge Current
10
µA
SUPPLY MONITOR
VIH_VDIV
VDIV High Threshold
VDIV rising
1.265
1.280
1.295
V
VIL_VDIV
VDIV Low Threshold
VDIV falling
1.21
1.222
1.234
V
VthCD2
CD2 Threshold voltage
1.200
1.217
1.234
V
ICD2
CD2 Charge Current
10
µA
RIL_RESET
RESET Pull-down Resistance
650
Ω
tDELAY_RESET RESET Delay on the Rising Edge
121.7k*
CD
s
VCOM AMPLIFIER RLOAD =10k, CLOAD = 10pF, Unless Otherwise Stated
IS_com
VCOM Amplifier Supply Current
0.7
1.08
mA
VOS
Offset Voltage
2.5
15
mV
IB
Noninverting Input Bias Current
0nA
CMIR
Common-mode Input Voltage Range
0AVDD
V
CMRR
Common-mode Rejection Ratio
60
75
dB
PSRR
Power Supply Rejection Ratio
70
85
dB
VOH
Output Voltage Swing High
IOUT(source) = 0.1mA
AVDD -
1.39
mV
IOUT(source) = 75mA
AVDD -
1.27
V
VOL
Output Voltage Swing Low
IOUT(sink) = 0.1mA
1.2
mV
IOUT(sink) = 75mA
1
V
ISC
Output Short-circuit Current
Pull-up
150
225
mA
Pull-down
150
200
mA
Electrical Specifications VIN = ENABLE = 3.3V, AVDD =8V, VLDO = 2.5V, VON = 24V, VOFF = - 6V. Boldface limits apply across the
operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6)UNIT


Similar Part No. - ISL97649AIRZ-TR5566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649AIRZ-TR5566 RENESAS-ISL97649AIRZ-TR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results

Similar Description - ISL97649AIRZ-TR5566

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
   TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com