Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2550BTS Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2550BTS
Description  Universal Serial Bus Transceiver Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2550BTS Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2550BTS Datasheet HTML 1Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 2Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 3Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 4Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 5Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 6Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 7Page - Micrel Semiconductor MIC2550BTS Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC2550
Micrel
MIC2550
2
October 4, 1999
Pin Description
Pin Number
Pin Name
Pin Function
1
VIF
System Interface Supply Voltage (Input): Determines logic voltage levels for
system interface signaling to logic controller.
2
SPD
Speed (Input): Edge rate control. Logic high selects full-speed edge rates.
Logic low selects low-speed edge rates.
3
RCV
Receive Data (Output): System interface receive data interface to logic
controller.
4
VP
Plus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VP is a receiver output (+); If OE# is logic 0, VP is a driver input (+).
5
VM
Minus (Input/Output): System interface signal to logic controller. If OE# is
logic 1, VM is a receiver output (–); If OE# is logic 0, VM is a driver input (–).
6, 13
NC
not internally connected
7
GND
Ground: Power supply return and signal reference.
8
SUS
Suspend (Input): Logic high turns off internal circuits to reduce supply
current.
9
OE#
Output Enable (Input): Active-low system interface input signal from from
logic controller. Logic low causes transceiver to transmit data onto the bus.
Logic high causes the transceiver to receive data from the bus.
10
D–
USB Differential Data Line – (Input/Output)
11
D+
USB Differential Data Line + (Input/Output)
12
VTRM
Termination Supply (Output): 3.3V speed termination resistor supply output.
14
VBUS
USB Supply Voltage (Input): Transceiver supply.
Pin Configuration
2
SPD
3
RCV
4
VP
5
VM
6
NC
7
GND
1
VIF
VBUS
14
NC
13
VTRM
12
D+
11
D–
10
OE#
9
8
SUS
14-Pin TSSOP (TM)


Similar Part No. - MIC2550BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2550BTS MICREL-MIC2550BTS Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
More results

Similar Description - MIC2550BTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com