Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9018L-X-T92-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 9018L-X-T92-K
Description  AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9018L-X-T92-K Datasheet(HTML) 1 Page - Unisonic Technologies

  9018L-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 9018L-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 9018L-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 9018L-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
9018
NPN EPITAXIAL PLANAR TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R201-025.C
AM/FM AMPLIFIER, LOCAL
OSCILLATOR OF FM/VHF
TUNER
FEATURES
* High Current Gain Bandwidth Product
fT =1.1GHz (Typ)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
9018L-x-T92-B
9018G-x-T92-B
TO-92
E
B
C
Tape Box
9018L-x-T92-K
9018G-x-T92-K
TO-92
E
B
C
Bulk
Note:
Pin assignment: E: Emitter
B: Base
C: Collector
MARKING


Similar Part No. - 9018L-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9018L-x-T92-K UTC-9018L-x-T92-K Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
More results

Similar Description - 9018L-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9018 FAIRCHILD-SS9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
MAKO SEMICONDUCTOR CO.,...
S9018 MAKOSEMI-S9018 Datasheet
114Kb / 3P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_15 Datasheet
108Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_10 Datasheet
132Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
2SC9018 ETC-2SC9018 Datasheet
73Kb / 2P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Unisonic Technologies
MMBT9018 UTC-MMBT9018 Datasheet
104Kb / 3P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com