Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2545A-1BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2545A-1BN
Description  Programmable Current Limit High-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A-1BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2545A-1BN Datasheet HTML 1Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 2Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 3Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 4Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 5Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 6Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 7Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 8Page - Micrel Semiconductor MIC2545A-1BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
June 2000
3
MIC2545A/2549A
MIC2545A/2549A
Micrel
Electrical Characteristics
V
IN = +5V; TA = 25°C, bold indicates –40°C to +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
Supply Current
Switch off, OUT = open, Note 4
0.75
5
µA
Switch on, OUT = open, Note 4
90
125
µA
150
µA
V
EN
Enable Input Voltage
Enable high transition, Note 4
2.4
1.6
V
Enable low transition, Note 1
1.5
0.8
V
Enable Input Current
V
EN = VOH(min) = 2.4V
0.01
1
µA
V
EN = VOL(max) = 0.8V
0.01
1
µA
Enable Input Capacitance
Note 7
1pF
R
DS(on)
Switch Resistance
I
OUT = 500mA
35
50
m
Current Limit Factor
I
LIMIT = 0.5A to 3A, VOUT = 1V to 4V, Note 5
160
230
300
V
I
LIMIT = 1A to 2.5A, VOUT = 1V to 4V, Note 5
184
230
276
V
Output Leakage Current
Switch off, V
OUT = 0V
1
10
µA
t
ON
Output Turn-On Delay
R
L = 10Ω, CL = 1µF, Figures 1a, 1b
125
ms
t
R
Output Turn-On Rise Time
R
L = 10Ω, CL = 1µF, Figure 1a, 1b
0.75
1.8
4.9
ms
t
OFF
Output Turnoff Delay
R
L = 10Ω, CL = 1µF, Figure 1a, 1b
25
µs
t
F
Output Turnoff Fall Time
R
L = 10Ω, CL = 1µF, Figure 1a, 1b
23
µs
Overtemperature Threshold
T
J increasing
135
°C
Shutdown
T
J decreasing
120
°C
Error Flag Off Current
V
FLG = 5V
0.01
1
µA
EN Pulse Reset Width
MIC2549A thermal shutdown latch, Note 7
1
µs
t
SU
V
IN to EN Set-Up
MIC2549A, Note 7, Figure 1c
0
µs
Current-Limit Response Time
V
OUT = 0V to IOUT = 2A, ISET = 1A, Note 7
40
µs
V
OL
Error Flag Output Resistance
I
FLG = 10mA
4
15
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2545A-1 and MIC2549A-1. Off is ≥ 2.4V and on is ≤ 0.8V for the MIC2545A-2 and MIC2549A-2.
The enable input has about 100mV of hysteresis.
Note 5.
Current limit is determined by: I
R
LIMIT
SET
=
230
, where R
SET is in ohms, and 230 is typical current limit factor in volts.
Note 6.
Assumes 4 layer PCB is used.
Note 7.
Guaranteed by design but not production tested.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) .................................................. +6.0V
Output Voltage (V
OUT) ............................................... +6.0V
Output Current (I
OUT) ............................... Internally Limited
Enable Input (V
EN) ......................................... –0.3V to +6V
Fault Flag Voltage (V
FLG) ........................................... +6.0V
Fault Flag Current (I
FLG) ............................................ 50mA
Storage Temperature (T
S) ....................... –65°C to +150°C
Junction Temperature (T
J) ....................... Internally Limited
Lead Temperature (soldering 5 sec.) ........................ 260
°C
ESD Rating, Note 3 .................................................. 2000V
Operating Ratings (Note 2)
Supply Voltage (V
IN) ................................... +2.7V to +5.5V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Package Thermal Resistance
PDIP
JA) ......................................................... 130°C/W
SOIC
JA) ......................................................... 160°C/W
TSSOP
JA), Note 6 ........................................ 100°C/W
Current Limit Set Range, Note 5 ........................ 0.5A to 3A


Similar Part No. - MIC2545A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
More results

Similar Description - MIC2545A-1BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com