Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2545A Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2545A
Description  Programmable Current Limit High-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2545A Datasheet HTML 5Page - Micrel Semiconductor MIC2545A Datasheet HTML 6Page - Micrel Semiconductor MIC2545A Datasheet HTML 7Page - Micrel Semiconductor MIC2545A Datasheet HTML 8Page - Micrel Semiconductor MIC2545A Datasheet HTML 9Page - Micrel Semiconductor MIC2545A Datasheet HTML 10Page - Micrel Semiconductor MIC2545A Datasheet HTML 11Page - Micrel Semiconductor MIC2545A Datasheet HTML 12Page - Micrel Semiconductor MIC2545A Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
June 2000
9
MIC2545A/2549A
MIC2545A/2549A
Micrel
Thermal Shutdown
(Output Reset by Toggling Enable—MIC2549-1)
TIME (100ms/div.)
Thermal
Shutdown
Output Reset
Ramped Load to a Short
V
IN = 5V
C
L = 47µF
Output Latched


Similar Part No. - MIC2545A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2545A-1BM MICREL-MIC2545A-1BM Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2545A-1BM MICREL-MIC2545A-1BM Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2545A-1BN MICREL-MIC2545A-1BN Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
More results

Similar Description - MIC2545A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com