Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2529-2BM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2529-2BM
Description  Single-Channel USB Power Controller Advance Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2529-2BM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2529-2BM Datasheet HTML 1Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 2Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 3Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2529-2BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
June 1999
1
MIC2529
MIC2529
Micrel
MIC2529
Single-Channel USB Power Controller
Advance Information
General Description
The MIC2529 is a high-side power switch optimized for self-
powered (individual port switching) and bus-powered (ganged
port switching) Universal Serial Bus (USB) hub applications.
An on-board voltage regulator provides the 3.3V supply
voltage needed for many USB microcontrollers reducing
board component count.
The MIC2529 satisfies the following USB requirements: it
supplies up to 500mA as required by USB downstream
devices; the switch’s low on-resistance meets USB voltage
drop requirements; fault current is limited to typically 750mA,
well below the UL 25VA safety requirement; and a flag output
is available to indicate fault conditions to the local USB
controller. Soft start eliminates the momentary voltage drop
on the upstream port that may occur when the switch is
enabled in bus-powered applications.
A low-dropout (LDO) regulator provides 3.3V at loads up to
100mA and includes an enable pin for low current shutdown.
Both enable inputs are compatible with 3.3V and 5V logic.
Thermal shutdown prevents catastrophic failure from high-
current loads.
The MIC2529 is available in an 8-pin SOIC package with
active-high or active-low enable circuitry on switch.
Typical Applications
ON/OFF
OVERCURRENT
MIC2529
3.3V USB Controller
VBUS
D+
D–
GND
VBUS
D+
D–
GND
33µF
Ferrite
Bead
D–
D+
V+
EN
IN
FLG
OUT
OUT
3VOUT
Bold lines indicate
0.1" wide, 1-oz. copper
high-current traces.
Downstream
USB
Port 1
100mA max.
Downstream
USB
Port 2
100mA max.
33µF
VBUS
D+
D–
GND
VBUS
D+
D–
GND
33µF
3VEN
GND
Downstream
USB
Port 3
100mA max.
Downstream
USB
Port 4
100mA max.
33µF
0.01µF
0.01µF
0.01µF
0.01µF
GND
0.1
µF
1µF
83
12
67
54
1.5k*
5%
4.7
µF
* Speed sense termination resistor. Must be connected
between V3VOUT and D+ to indicate high speed operation.
33µF tantalum or 100µF electrolytics are recommended.
Upstream VBUS
D+
D–
GND
10k
0.1µF
10k
4.40V to 5.25V
4-Port Ganged Bus-Powered Hub
Features
• Compliant to USB specifications
• UL Recognized Component
• On-board 3.3V, 100mA low-dropout regulator
• 500mA minimum continuous switch load current
• 160m
Ω maximum on-resistance
• 750mA typical current limit
• Open-drain fault flag pin for switch
• Output can be forced higher than input (off-state)
• Thermal shutdown
• 1ms turn-on (soft-start) and fast turnoff
• Available with active-high or active-low switch enable
• Active-high enable on 3.3V regulated output
• 8-pin SOIC package
Applications
• USB self-powered hubs
• USB bus-powered hubs
• USB keyboard hubs
UL Recognized Component


Similar Part No. - MIC2529-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BN MICREL-MIC2524-1BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-1BWM MICREL-MIC2524-1BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BN MICREL-MIC2524-2BN Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
MIC2524-2BWM MICREL-MIC2524-2BWM Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results

Similar Description - MIC2529-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
   USB Power Controller Advance Information
MIC2012 MICREL-MIC2012 Datasheet
56Kb / 10P
   USB Power Controller Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Global Mixed-mode Techn...
G528 GMT-G528 Datasheet
194Kb / 8P
   USB High-Side Power Switch Advance Information
G525A GMT-G525A Datasheet
243Kb / 8P
   USB High-Side Power Switch Advance Information
G525 GMT-G525 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
G525 GMT-G525_15 Datasheet
147Kb / 1P
   USB High-Side Power Switch Advance Information
logo
Unisonic Technologies
US1528 UTC-US1528_15 Datasheet
248Kb / 8P
   USB HIGH-SIDE POWER SWITCH ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com