Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2536 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2536
Description  Dual USB Power Distribution Switch Preliminary Information
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2536 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2536 Datasheet HTML 1Page - Micrel Semiconductor MIC2536 Datasheet HTML 2Page - Micrel Semiconductor MIC2536 Datasheet HTML 3Page - Micrel Semiconductor MIC2536 Datasheet HTML 4Page - Micrel Semiconductor MIC2536 Datasheet HTML 5Page - Micrel Semiconductor MIC2536 Datasheet HTML 6Page - Micrel Semiconductor MIC2536 Datasheet HTML 7Page - Micrel Semiconductor MIC2536 Datasheet HTML 8Page - Micrel Semiconductor MIC2536 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2000
1
MIC2536
MIC2536
Micrel
MIC2536
Dual USB Power Distribution Switch
Preliminary Information
General Description
The MIC2536 is a cost-effective high-side power switch, with
two independently controlled channels, optimized for bus-
powered Universal Serial Bus (USB) applications. Few exter-
nal components are necessary to satisfy USB requirements.
Each switch channel of the MIC2536 will supply up to 100mA
as required for USB bus-powered downstream devices. Fault
current is limited to typically 275mA by fast-acting current-
limit circuitry which minimizes voltage droop on the upstream
port during fault conditions. A flag output with transient filter
indicates fault conditions to the local USB controller but will
ignore short flag signals resulting from inrush current during
hot plug-in events.
Soft start eliminates the momentary voltage droop on other
ports that may occur when the switch is enabled in bus-
powered applications. Additional features include thermal
shutdown to prevent catastrophic switch failure from high-
current loads and 3.3V and 5V logic compatible enable
inputs.
The MIC2536 is available in active-high and active-low ver-
sions in 8-lead SOP and MSOP.
Typical Application
ENA
OUTA
FLGA
IN
FLGB
GND
ENB
OUTB
MIC2536-2
3.3V USB Controller
0.1µF
VBUS
D+
D–
GND
Data
(Two Pair)
VBUS
D+
D–
GND
USB
Port 2
USB
Port 1
MIC5207-3.3
63µF
63µF
Ferrite
Beads
4.50V to 5.25V
Upstream VBUS
100mA max.
VBUS
D+
D–
GND
Data
4.7µF
1µF
to USB
Controller
1.5k
ON/OFF
OVERCURRENT
OVERCURRENT
ON/OFF
VIN
10k
IN
OUT
GND
.01µF
.01µF
10k
Typical Two-Port Bus-Powered Hub
Features
• Compliant to USB specifications
• 2.7V to 5.5V operating range
• 150mA minimum continuous load current per channel
• 400m
Ω typical on-resistance
• Fast-acting short circuit protection with
thermal shutdown
• Integrated filter eliminates
false overcurrent flag assertions
• Individual open-drain fault flag pins with transient filter
• 3V/5V-compatible enable inputs
• Active-high (-1) and active-low (-2) versions
• Reverse-current blocking in off mode (no “body diode”)
• Soft-start circuit
• 100
µA maximum on-state supply current
• <1
µA typical off-state supply current
•–40
°C to 85°C operation
Applications
• USB keyboard bus-powered hubs
• USB bus-powered docking stations
• Note Book PCs
• PDAs
• General purpose power distribution applications
• PC board hot swap
• Inrush current-limiting
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC2536

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
115Kb / 13P
   Dual USB Power Distributibution Switch Final Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
115Kb / 13P
   Dual USB Power Distributibution Switch Final Information
More results

Similar Description - MIC2536

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
logo
Dynex Semiconductor
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com