Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-3.3WU Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # LM2575-3.3WU
Description  52kHz Simple 1A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3WU Datasheet(HTML) 8 Page - Micrel Semiconductor

  LM2575-3.3WU Datasheet HTML 1Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 2Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 3Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3WU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M9999-042205
8
April 2005
LM2575
Micrel, Inc.
Package Information
0.020
(0.508)
0.018±0.003
(0.457±0.076)
PIN 1
0.780
(19.812)
.250±0.005
(6.350±0.127)
0.025±0.015
(0.635±0.381)
0.100±0.010
(2.540±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130±0.005
(3.302±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0°-10°
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin DIP (N)
0.022 (0.559)
0.018 (0.457)
TYP
0.408 (10.363)
0.404 (10.262)
0.609 (15.469)
0.605 (15.367)
0.103 (2.616)
0.099 (2.515)
SEATING
PLANE
0.027 (0.686)
0.031 (0.787)
0.016 (0.046)
TYP
0.301 (7.645)
0.297 (7.544)
0.094 (2.388)
0.090 (2.286)
0.297 (7.544)
0.293 (7.442)
10° TYP
0.032 (0.813) TYP
0.330 (8.382)
0.326 (8.280)
TYP
0.015
(0.381)
MIN
0.015
(0.381)
0.050 (1.270)
TYP
R
PIN 1
DIMENSIONS:
INCHES (MM)
24-Pin Wide SOP (WM)


Similar Part No. - LM2575-3.3WU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2575-3.3 MOTOROLA-LM2575-3.3 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Micrel Semiconductor
LM2575-3.3BN MICREL-LM2575-3.3BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-3.3BN MICREL-LM2575-3.3BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-3.3BT MICREL-LM2575-3.3BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-3.3BT MICREL-LM2575-3.3BT Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-3.3WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com