Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2179-5.0BSM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2179-5.0BSM
Description  1.5A Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2179-5.0BSM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2179-5.0BSM Datasheet HTML 6Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 7Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 8Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 9Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 10Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 11Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 12Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 13Page - Micrel Semiconductor MIC2179-5.0BSM Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MIC2179
Micrel
MIC2179
10
June 1998
S
R
Q
One
Shot
SW
PGND
ISENSE
Amp.
VREF 1.245V
110m
P-channel
VIN
Skip-Mode
Comp.
ILIMIT
Comp.
VOUT
L1
FB
SGND
VIN
4.5V to 16.5V
CIN
COUT
MIC2179 [Adjustable] Skip-Mode Signal Path
17
16
D
R1
R2
ILIMIT
Thresh.
Voltage
Output Control Logic
IL1
3
1
2
19
20
910
11
12
7
VOUT
1.245
R1
R2
1
VSW
IL1
One-Shot
Pulse
VFB
VREF + 5mV
VREF – 5mV
0
ILIM
0
VOUT
VIN
Skip-Mode Functional Diagram


Similar Part No. - MIC2179-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179-5.0BSM MICREL-MIC2179-5.0BSM Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
More results

Similar Description - MIC2179-5.0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1015 AOSMD-AOZ1015 Datasheet
722Kb / 15P
   EZBuck??1.5A Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
   1.5MHz, 1.5A Synchronous Buck Regulator
logo
National Semiconductor ...
LM2652 NSC-LM2652 Datasheet
473Kb / 3P
   1.5A, Dual High Performance Synchronous Buck Regulator
logo
Intersil Corporation
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
   1.5A Synchronous Buck Regulator with Integrated MOSFETs
logo
Alpha & Omega Semicondu...
AOZ1615 AOSMD-AOZ1615 Datasheet
832Kb / 14P
   1.5A/3MHz Buck Regulator
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com