Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2077-2BM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2077-2BM
Description  Quad USB Power Distribution Switch Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2077-2BM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2077-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 9Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 10Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 11Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 12Page - Micrel Semiconductor MIC2077-2BM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
June 2000
9
MIC2027/2077
MIC2027/2077
Micrel
Inrush Current Response
(MIC2027-1)
TIME (1ms/div.)
V
IN = 5V
R
L = 31Ω
C
L = 10µF
C
L = 110µF
C
L = 210µF
C
L = 310µF
Current-Limit Response
(Ramped Load–MIC2027-1)
TIME (100ms/div.)
V
IN = 5V
C
L = 47µF
Current-Limit
Threshold
(1A)
Thermal Shutdown
Thermal
Shutdown
Hysteresis
Short
Removed
Short-Circuit
Current (800mA)
Current-Limit Response
(Stepped Short—MIC2027-1)
TIME (1ms/div.)
V
IN = 5V
C
L = 47µF
R
L = stepped short
800mA
Current-Limit Response
(MIC2027-1)
TIME (50
µs/div.)
V
IN = 5V
C
L = 0
R
L = stepped short
Short-Circuit (800mA)
Independent Thermal Shutdown
(MIC2027-1)
TIME (100ms/div.)
V
OUTA = No Load
(No Thermal Shutdown)
Thermal Shutdown
V
ENA = 5V
V
ENB = 5V
V
ENC = 0V
V
END = 0V
Independent Thermal Shutdown
(MIC2027-1)
TIME (100ms/div.)
V
OUTB = No Load
(No Thermal Shutdown)
Thermal Shutdown
V
ENA = 5V
V
ENB = 5V
V
ENC = 0V
V
END = 0V


Similar Part No. - MIC2077-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2077-2BM MICREL-MIC2077-2BM Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
More results

Similar Description - MIC2077-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com