Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJS6415AE Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJS6415AE
Description  20V P-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6415AE Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJS6415AE Datasheet HTML 1Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 2Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 3Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 4Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 5Page - Pan Jit International Inc. PJS6415AE Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJS6415AE
April 29,2015-REV.01
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250uA
-20
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.5
-0.77
-1.2
V
Drain-Source On-State Resistance
RDS(on)
VGS=-10V, ID=-4.9A
-
50
60
m
Ω
VGS=-4.5V, ID=-4.2A
-
58
70
VGS=-2.5V, ID=-3.1A
-
80
96
VGS=-1.8V, ID=-0.5A
-
140
180
Zero Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-
-0.01
-1
uA
Gate-Source Leakage Current
IGSS
VGS=+8V, VDS=0V
-
+6
+10
uA
Dynamic
(Note 5)
Total Gate Charge
Qg
VDS=-10V, ID=-4.9A,
VGS=-4.5V
(Note 1,2)
-
6.9
-
nC
Gate-Source Charge
Qgs
-
1.5
-
Gate-Drain Charge
Qgd
-
1.9
-
Input Capacitance
Ciss
VDS=-10V, VGS=0V,
f=1.0MHZ
-
602
-
pF
Output Capacitance
Coss
-
70
-
Reverse Transfer Capacitance
Crss
-
47
-
Turn-On Delay Time
td(on)
VDD=-10V, ID=-4.9A,
VGS=-4.5V,
RG=3Ω
(Note 1,2)
-
8.8
-
ns
Turn-On Rise Time
tr
-
66
-
Turn-Off Delay Time
td(off)
-
29
-
Turn-Off Fall Time
tf
-
14
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
-1.5
A
Diode Forward Voltage
VSD
IS=-1.0A, VGS=0V
-0.79
-1.0
V
NOTES :
1.
Pulse width<300us, Duty cycle<2%
2.
Essentially independent of operating temperature typical characteristics.
3.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper
4.
The maximum current rating is package limited
5.
Guaranteed by design, not subject to production testing


Similar Part No. - PJS6415AE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6415A PANJIT-PJS6415A Datasheet
379Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415A-AU PANJIT-PJS6415A-AU Datasheet
381Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-AU-REV.01
PJS6415A-AU_S1_000A1 PANJIT-PJS6415A-AU_S1_000A1 Datasheet
381Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-AU-REV.01
PJS6415A_S1_00001 PANJIT-PJS6415A_S1_00001 Datasheet
379Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
PJS6415A_S2_00001 PANJIT-PJS6415A_S2_00001 Datasheet
379Kb / 6P
   20V P-Channel Enhancement Mode MOSFET
January 20,2022 PJS6415A-REV.02
More results

Similar Description - PJS6415AE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419AE PANJIT-PJA3419AE Datasheet
412Kb / 6P
   20V P-Channel Enhancement Mode MOSFET – ESD Protected
March 6,2023
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
   20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3435 PANJIT-PJA3435 Datasheet
326Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419E PANJIT-PJA3419E Datasheet
406Kb / 6P
   20V P-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3431 PANJIT-PJA3431 Datasheet
240Kb / 6P
   20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com