Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2171BU Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2171BU
Description  100kHz 2.5A Switching Regulator Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2171BU Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2171BU Datasheet HTML 2Page - Micrel Semiconductor MIC2171BU Datasheet HTML 3Page - Micrel Semiconductor MIC2171BU Datasheet HTML 4Page - Micrel Semiconductor MIC2171BU Datasheet HTML 5Page - Micrel Semiconductor MIC2171BU Datasheet HTML 6Page - Micrel Semiconductor MIC2171BU Datasheet HTML 7Page - Micrel Semiconductor MIC2171BU Datasheet HTML 8Page - Micrel Semiconductor MIC2171BU Datasheet HTML 9Page - Micrel Semiconductor MIC2171BU Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
1997
4-11
MIC2171
Micrel
4
(10)
L
0.5 f
V
T
P
PRI
SW
IN(min)
2
ON
2
OUT
Where:
L
PRI = maximum primary inductance
f
SW = device switching frequency (100kHz)
V
IN(min) = minimum input voltage
T
ON = power switch on time
Then:
L
0.5
1 10
3.22
7.4 10
2.5
PRI
5
2
-6
2
××
×
() ××
()
L
PRI ≥ 11.4µH
Use an 12
µH primary inductance to overcome circuit ineffi-
ciencies.
To complete the design the inductance value of the second-
ary is found which will guarantee that the energy stored in the
transformer during the power switch on time will be com-
pleted discharged into the output during the off-time. This is
necessary when operating in discontinuous-mode.
(11)
L
SEC
0.5 f
SW VSEC
2 T
OFF
2
P
OUT
Where:
L
SEC = maximum secondary inductance
T
OFF = power switch off time
Then:
L
0.5
1 10
5.41
2.6 10
2.5
SEC
5
2
-6
2
××
×
() ××
()
L
SEC ≤ 7.9µH
Finally, recalculate the transformer turns ratio to insure that
it is less than the value earlier found in equation (9).
(12)
a
L
PRI
L
SEC
Then:
a
11.4
7.9
= 1.20
This ratio is less than the ratio calculated in equation (9).
When specifying the transformer it is necessary to know the
primary peak current which must be withstood without satu-
rating the transformer core.
(13)
I
PEAK(pri) =
V
IN(min) TON
L
PRI
So:
I
=
3.22
7.6 10
12 H
PEAK(pri)
-6
××
µ
I
PEAK(pri) = 2.1A
Now find the minimum reverse voltage requirement for the
output rectifier. This rectifier must have an average current
rating greater than the maximum output current of 0.5A.
(14)
V
BR
V
IN(max) +
V
OUT a
()
F
BR a
Where:
V
BR = output rectifier maximum peak
reverse voltage rating
a = transformer turns ratio (1.2)
F
BR = reverse voltage safety derating factor (0.8)
Then:
V
6.0 + 5.0
1.2
0.8
1.2
BR
×
()
×
V
BR ≥ 12.5V
A 1N5817 will safely handle voltage and current require-
ments in this example.


Similar Part No. - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171BU MICREL-MIC2171BU Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
More results

Similar Description - MIC2171BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2172 MICREL-MIC2172 Datasheet
129Kb / 16P
   100kHz 1.25A Switching Regulators Preliminary Information
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
MIC5210 MICREL-MIC5210 Datasheet
60Kb / 8P
   Dual 150mA LDO Regulator Preliminary Information
MIC5237 MICREL-MIC5237 Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
logo
Linear Technology
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com