Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2026-2BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2026-2BM
Description  Dual-Channel Power Distribution Switch Preliminary Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2026-2BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2026-2BM Datasheet HTML 1Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 2Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 3Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2026-2BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MIC2026/2076
Micrel
MIC2026/2076
4
March 2000
Symbol
Parameter
Condition
Min
Typ
Max
Units
Error Flag Output
I
L = 10mA, VIN = 5V
10
25
Resistance
I
L = 10mA, VIN = 3.3V
15
40
Error Flag Off Current
V
FLAG = 5V
10
µA
Overtemperature Threshold
T
J increasing, each switch
140
°C
Note 4
T
J decreasing, each switch
120
°C
T
J increasing, both switches
160
°C
T
J decreasing, both switches
150
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
If there is a fault on one channel, that channel will shut down when the die reaches approximately 140
°C. If the die reaches approximately
160
°C, both channels will shut down, even if neither channel is in current limit.
Test Circuit
Device
Under
Test
CL
OUT
RL
VOUT
Timing Diagrams
90%
VOUT
10%
90%
10%
tR
tF
Output Rise and Fall Times
VEN
50%
90%
VOUT
10%
tOFF
tON
Active-Low Switch Delay Times (MIC20x6-2)
VEN
50%
90%
VOUT
10%
tOFF
tON
Active-High Switch Delay Times (MIC20x6-1)


Similar Part No. - MIC2026-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2026-2BM MICREL-MIC2026-2BM Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
More results

Similar Description - MIC2026-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
Dynex Semiconductor
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
logo
Micrel Semiconductor
MIC2536 MICREL-MIC2536_11 Datasheet
115Kb / 13P
   Dual USB Power Distribution Switch Final Information
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
   Dual-Channel Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com