Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV400BXBI-90 Datasheet(PDF) 11 Page - Macronix International

Part # MX29LV400BXBI-90
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV400BXBI-90 Datasheet(HTML) 11 Page - Macronix International

Back Button MX29LV400BXBI-90 Datasheet HTML 7Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 8Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 9Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 10Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 11Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 12Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 13Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 14Page - Macronix International MX29LV400BXBI-90 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
P/N:PM0710
MX29LV400T/B
REV. 1.4, NOV. 23, 2001
Pins
A0
A1
Q15~Q8 Q7
Q6
Q5
Q4
Q3
Q2 Q1
Q0
Code(Hex)
Manufacture code
Word
VIL
VIL
00H
1
1
0
0
0
0
1
0
00C2H
Byte
VIL
VIL
X
1
1
0
0
0
0
1
0
C2H
Device code
Word
VIH
VIL
22H
1
0
1
1
1
0
0
1
22B9H
for MX29LV400T
Byte
VIH
VIL
X
1
0
1
1
1
0
0
1
B9H
Device code
Word
VIH
VIL
22H
1
0
1
1
1
0
1
0
22BAH
for MX29LV400B
Byte
VIH
VIL
X
1
0
1
1
1
0
1
0
BAH
Sector Protection
X
VIH
X
0
0
0
0
0
0
0
1
01H (Protected)
Verification
X
VIH
X
0
0
0
0
0
0
0
0
00H (Unprotected)
TABLE 6. EXPANDED SILICON ID CODE
READING ARRAY DATA
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data.The device is also ready to read array data
after completing an Automatic Program or Automatic
Erase algorithm.
After the device accepts an Erase Suspend command,
the device enters the Erase Suspend mode. The sys-
tem can read array data using the standard read tim-
ings, except that if it reads at an address within erase-
suspended sectors, the device outputs status data. After
completing a programming operation in the Erase
Suspend mode, the system may once again read array
data with the same exception. See rase Suspend/Erase
Resume Commands” for more infor-mation on this mode.
The system
must issue the reset command to re-en-
able the device for reading array data if Q5 goes high, or
while in the autoselect mode. See the "Reset Command"
section, next.
RESET COMMAND
Writing the reset command to the device resets the
device to reading array data. Address bits are don't care
for this command.
The reset command may be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to reading array
data. Once erasure begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the se-
quence cycles in a program command sequence be-fore
programming begins. This resets the device to reading
array data (also applies to programming in Erase
Suspend mode). Once programming begins,however, the
device ignores reset commands until the operation is
complete.
The reset command may be written between the se-
quence cycles in an SILICON ID READ command
sequence. Once in the SILICON ID READ mode, the
reset command
must be written to return to reading array
data (also applies to SILICON ID READ during Erase
Suspend).
If Q5 goes high during a program or erase operation,
writing the reset command returns the device to read-
ing array data (also applies during Erase Suspend).


Similar Part No. - MX29LV400BXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400CB MCNIX-MX29LV400CB Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBGBI70G MCNIX-MX29LV400CBGBI70G Datasheet
3Mb / 76P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBMC-55Q MCNIX-MX29LV400CBMC-55Q Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBMC-55R MCNIX-MX29LV400CBMC-55R Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CBMC-70 MCNIX-MX29LV400CBMC-70 Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV400BXBI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com