Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041BIM3-1.2 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # LM4041BIM3-1.2
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041BIM3-1.2 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button LM4041BIM3-1.2 Datasheet HTML 3Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 4Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 5Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 6Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 7Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 8Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 9Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 10Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
January 2000
7
LM4040/4041
LM4040/4041
Micrel
LM4040 Typical Characteristics
+0.5
+0.4
+0.3
+0.2
+0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
-40
-22ppm/
°C
-51ppm/
°C
I
R
= 150µA
12ppm/
°C
TEMPERATURE (
°C)
Temperature Drift for Different
Average Temperature Coefficient
-20
0
20406080 100
Output Impedance
vs. Frequency
IR = IRMIN + 100 µA
V
R
= 5V
2.5V
100
1k
10k
100k
1M
FREQUENCY (Hz)
C
L
= 1µF
TANTALUM
X
CL
1k
100
10
1
0.1
T
J
= 25
°C, ∆ I
R
= 0.1 I
R
CL = 0
Output Impedance
vs. Frequency
I
R
= 1mA
T
J
= 25
°C, ∆I
R
= I
R
C
L
= 0
C
L
= 1µF
TANTALUM
V
R
= 5V
2.5V
1k
100
10
1
0.1
100
1k
10k
100k
1M
FREQUENCY (Hz)
LM4040-5.0
RS = 30k
T
J
= 25
°C
10
0
6
4
2
0
0
100
200
300
400
RESPONSE TIME (µs)
I
J
= 25
°C
LM4040-2.5
R
S = 30k
0
20
40
60
80
5
0
6
4
2
0
RESPONSE TIME (µs)
Test Circuit
VIN
1Hz rate
LM4040
RS
VR
REVERSE VOLTAGE (V)
A, B,
C,
Suffix
D Suffix
Reverse Characteristics and
Minimum Operating Current
120
100
80
60
40
20
0
0
2
4
6
8
10
TJ = 25
°C
Typica
l
I RMIN
Guaranteed
10.0
5.0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
2.0
1.0
0.5
0.2
IR = 200µA
TJ = 25
°C
5V
2.5V
Noise Voltage
vs. Frequency
0.1


Similar Part No. - LM4041BIM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041BIM3-1.2 NSC-LM4041BIM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041BIM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com