Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJA3432 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJA3432
Description  30V N-Channel Enhancement Mode MOSFET ??ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA3432 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJA3432 Datasheet HTML 1Page - Pan Jit International Inc. PJA3432 Datasheet HTML 2Page - Pan Jit International Inc. PJA3432 Datasheet HTML 3Page - Pan Jit International Inc. PJA3432 Datasheet HTML 4Page - Pan Jit International Inc. PJA3432 Datasheet HTML 5Page - Pan Jit International Inc. PJA3432 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJA3432
January 22,2015-REV.02
Page 5
0.031 MIN.
(0.80) MIN.
0.037
(0.95)
0.043
(1.10)
0.106
(2.70)
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
PART NO PACKING CODE
Package Type
Packing type
Marking
Version
PJA3432_R1_00001
SOT-23
3K pcs / 7
” reel
A32
Halogen free
PJA3432_R2_00001
SOT-23
12K pcs / 13
” reel
A32
Halogen free


Similar Part No. - PJA3432

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3432-AU PANJIT-PJA3432-AU Datasheet
677Kb / 6P
   30VN-ChannelEnhancementModeMOSFET–ESDProtected
August 11,2020 PJA3432-AU-REV.00
PJA3432-AU_R1_000A1 PANJIT-PJA3432-AU_R1_000A1 Datasheet
677Kb / 6P
   30VN-ChannelEnhancementModeMOSFET–ESDProtected
August 11,2020 PJA3432-AU-REV.00
More results

Similar Description - PJA3432

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3422 PANJIT-PJA3422 Datasheet
319Kb / 6P
   30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJX8804 PANJIT-PJX8804 Datasheet
326Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6832 PANJIT-PJS6832 Datasheet
308Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJ2306 PANJIT-PJ2306_15 Datasheet
339Kb / 7P
   30V N-Channel Enhancement Mode MOSFET-ESD Protected
PJE8404 PANJIT-PJE8404 Datasheet
323Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7412 PANJIT-PJC7412 Datasheet
346Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8812 PANJIT-PJX8812 Datasheet
331Kb / 6P
   30V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7400B PANJIT-PJC7400B Datasheet
540Kb / 6P
   30V N-Channel Enhancement Mode MOSFET – ESD Protected
August 31,2023
PJT7812 PANJIT-PJT7812 Datasheet
332Kb / 6P
   30V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJ2306 PANJIT-PJ2306 Datasheet
209Kb / 5P
   30V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com