Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F002TTI-12 Datasheet(PDF) 1 Page - Macronix International

Part # MX29F002TTI-12
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F002TTI-12 Datasheet(HTML) 1 Page - Macronix International

  MX29F002TTI-12 Datasheet HTML 1Page - Macronix International MX29F002TTI-12 Datasheet HTML 2Page - Macronix International MX29F002TTI-12 Datasheet HTML 3Page - Macronix International MX29F002TTI-12 Datasheet HTML 4Page - Macronix International MX29F002TTI-12 Datasheet HTML 5Page - Macronix International MX29F002TTI-12 Datasheet HTML 6Page - Macronix International MX29F002TTI-12 Datasheet HTML 7Page - Macronix International MX29F002TTI-12 Datasheet HTML 8Page - Macronix International MX29F002TTI-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
GENERAL DESCRIPTION
The MX29F002T/B is a 2-mega bit Flash memory organ-
ized as 256K bytes of 8 bits only. MXIC's Flash memories
offer the most cost-effective and reliable read/write non-
volatile random access memory. The MX29F002T/B is
packaged in 32-pin PDIP,PLCC and 32-pin TSOP(I). It is
designed to be reprogrammed and erased in-system or in-
standard EPROM programmers.
The standard MX29F002T/B offers access time as fast as
55ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX29F002T/B has separate chip enable (CE) and output
enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F002T/B uses a command register to manage this
functionality. The command register allows for 100% TTL
level control inputs and fixed power supply levels during
erase and programming, while maintaining maximum
EPROM compatibility.
FEATURES
262,144x 8 only
Fast access time: 55/70/90/120ns
Low power consumption
- 30mA maximum active current(5MHz)
- 1uA typical standby current
Programming and erasing voltage 5V ± 10%
Command register architecture
- Byte Programming (7us typical)
- Sector Erase (16K-Byte x1, 8K-Byte x 2, 32K-Byte
x1, and 64K-Byte x 3)
Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors or the
whole chip with Erase Suspend capability.
- Automatically programs and verifies data at specified
address
Erase Suspend/Erase Resume
- Suspends an erase operation to read data from, or
program data to, a sector that is not being erased, then
resumes the erase operation.
Status Reply
1
- Data polling & Toggle bit for detection of program and
erase cycle completion.
Sector protection
- Hardware method to disable any combination of
sectors from program or erase operations
- Sector protect/unprotect for 5V only system or 5V/12V
system
100,000 minimum erase/program cycles
Latch-up protected to 100mA from -1 to VCC+1V
Boot Code Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
Hardware RESET pin(only for 29F002T/B)
- Resets internal state machine to read mode
Low VCC write inhibit is equal to or less than 3.2V
Package type:
- 32-pin PDIP
- 32-pin PLCC
- 32-pin TSOP (Type 1)
20 years data retention
P/N: PM0547
REV. 1.5, MAR. 28, 2005
MXIC's Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields for
erase and programming operations produces reliable
cycling. The MX29F002T/B uses a 5.0V ± 10% VCC
supply to perform the High Reliability Erase and auto
Program/Erase algorithms.
The highest degree of latch-up protection is achieved with
MXIC's proprietary non-epi process. Latch-up protection is
proved for stresses up to 100 milliamps on address and
data pin from -1V to VCC + 1V.
MX29F002/002N T/B
2M-BIT [256K x 8] CMOS FLASH MEMORY


Similar Part No. - MX29F002TTI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F002TTI-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com