Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040CIM3-4.1 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # LM4040CIM3-4.1
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040CIM3-4.1 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button LM4040CIM3-4.1 Datasheet HTML 5Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 6Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 7Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 8Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 9Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 10Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 11Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 12Page - Micrel Semiconductor LM4040CIM3-4.1 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
January 2000
9
LM4040/4041
LM4040/4041
Micrel
LM4041-Adjustable Electrical Characteristics
Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TJ = 25°C unless otherwise specified (SOT-23, see Note 7),
I
RMIN ≤ IR < 12mA, VREF ≤ VOUT ≤ 10V. The grades C and D designate initial Reverse Breakdown Voltage tolerance of ±0.5% and
±1%, respectively for V
OUT = 5V.
LM4041CIM3
LM4041DIM3
Symbol
Parameter
Conditions
Typical
Units
(Note 4)
Limits
Limits
(Limit)
(Note 5)
(Note 5)
V
REF
Reference Breakdown Voltage
I
R = 100µA
1.233
V
V
OUT = 5V
Reference Breakdown Voltage
I
R = 100µA
±6.2
±12
mV (max)
Tolerance (Note 8)
±14
±24
mV (max)
I
RMIN
Minimum Operating Current
45
µA
60
65
µA (max)
65
70
µA (max)
∆V
REF
Reference Voltage
I
RMIN ≤ IR 1mA
0.7
mV
/
∆I
R
Change with Operating
SOT-23:
1.5
2.0
mV (max)
Current Change
V
OUT ≥ 1.6V
2.0
2.5
mV (max)
(Note 7)
1mA
≤ I
R 15mA
2
mV
SOT-23:
4
6
mV (max)
V
OUT ≥ 1.6V
68
mV (max)
(Note 7)
∆V
REF
Reference Voltage Change
I
R = 1mA
–1.3
mV/V
/
∆V
O
with Output Voltage Change
–2.0
–2.5
mV/V (max)
–2.5
–3.0
mV/V (max)
I
FB
Feedback Current
60
nA
100
150
nA (max)
120
200
nA (max)
∆V
REF
Average Reference
V
OUT = 5V
/
∆T
Voltage Temperature
I
R = 10mA
20
ppm/
°C
Coefficient
I
R = 1mA
15
±100
±150
ppm/
°C (max)
(Note 8)
I
R = 100µA
15
ppm/
°C (max)
Z
OUT
Dynamic Output Impedance
I
R = 1mA, f = 120Hz
I
AC = 0.1 IR
V
OUT = VREF
0.3
V
OUT = 10V
2
Ω (max)
e
N
Wideband Noise
I
R = 100µA
10Hz
≤ f ≤ 10kHz
20
µV
RMS
∆V
REF
Reference Voltage
t = 1000hrs
Long Term Stability
T = 25
°C ±0.1°C
120
ppm
I
R = 100µA


Similar Part No. - LM4040CIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040CIM3-4.1 NSC-LM4040CIM3-4.1 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040CIM3-4.1 NSC-LM4040CIM3-4.1 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040CIM3-4.1 MICREL-LM4040CIM3-4.1 Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040CIM3-4.1 TI1-LM4040CIM3-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040CIM3-4.1 TI1-LM4040CIM3-4.1 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040CIM3-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com