Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJA3404 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJA3404
Description  30V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA3404 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJA3404 Datasheet HTML 1Page - Pan Jit International Inc. PJA3404 Datasheet HTML 2Page - Pan Jit International Inc. PJA3404 Datasheet HTML 3Page - Pan Jit International Inc. PJA3404 Datasheet HTML 4Page - Pan Jit International Inc. PJA3404 Datasheet HTML 5Page - Pan Jit International Inc. PJA3404 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PPJA3404
March 10,2014-REV.00
Page 1
30V N-Channel Enhancement Mode MOSFET
Voltage
30 V
Current
5.6A
SOT-23
Unit: inch(mm)
Features
RDS(ON) , VGS@10V, ID@5.6A<30mΩ
RDS(ON) , VGS@4.5V, ID@3.5A<45mΩ
Advanced Trench Process Technology
Specially Designed for Switch Load, PWM Application, etc.
Lead free in compliance with EU RoHS 2011/65/EU
directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-23 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
Marking: A04
PARAMETER
SYMBOL
LIMIT
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
+20
V
Continuous Drain Current
ID
5.6
A
Pulsed Drain Current
IDM
22
A
Power Dissipation
Ta=25
oC
PD
1.25
W
Derate above 25
oC
10
mW/
oC
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Ambient
(Note 3)
RθJA
100
oC/W
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)


Similar Part No. - PJA3404

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3404-AU PANJIT-PJA3404-AU Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404-AU_R1_000A1 PANJIT-PJA3404-AU_R1_000A1 Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404-AU_R2_000A1 PANJIT-PJA3404-AU_R2_000A1 Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404A PANJIT-PJA3404A Datasheet
322Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
December 6,2016-REV.00
PJA3404A_R1_00001 PANJIT-PJA3404A_R1_00001 Datasheet
322Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
December 6,2016-REV.00
More results

Similar Description - PJA3404

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com