Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJA3404 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJA3404
Description  30V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA3404 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJA3404 Datasheet HTML 1Page - Pan Jit International Inc. PJA3404 Datasheet HTML 2Page - Pan Jit International Inc. PJA3404 Datasheet HTML 3Page - Pan Jit International Inc. PJA3404 Datasheet HTML 4Page - Pan Jit International Inc. PJA3404 Datasheet HTML 5Page - Pan Jit International Inc. PJA3404 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJA3404
March 10,2014-REV.00
Page 5
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
Part No Packing Code
Package Type
Packing type
Marking
Version
PJA3404_R1_00001
SOT-23
3K pcs / 7” reel
A04
Halogen free
PJA3404_R2_00001
SOT-23
12K pcs / 13” reel
A04
Halogen free


Similar Part No. - PJA3404

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJA3404-AU PANJIT-PJA3404-AU Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404-AU_R1_000A1 PANJIT-PJA3404-AU_R1_000A1 Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404-AU_R2_000A1 PANJIT-PJA3404-AU_R2_000A1 Datasheet
290Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
March 10,2014-REV.00
PJA3404A PANJIT-PJA3404A Datasheet
322Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
December 6,2016-REV.00
PJA3404A_R1_00001 PANJIT-PJA3404A_R1_00001 Datasheet
322Kb / 6P
   30V N-Channel Enhancement Mode MOSFET
December 6,2016-REV.00
More results

Similar Description - PJA3404

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com