Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7101BIM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LMC7101BIM5
Description  Low-Power Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101BIM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  LMC7101BIM5 Datasheet HTML 1Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 2Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 3Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 4Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 5Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 6Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 7Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 8Page - Micrel Semiconductor LMC7101BIM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 1999
3
LMC7101
LMC7101
Micrel
Electrical Characteristics—DC (5V)
V+ = +5.0V, V– = 0V, V
CM = 1.5V, VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
LMC7101A
LMC7101B
Symbol
Parameter
Condition
Typ
Min
Max
Min
Max
Units
V
OS
Input Offset Voltage
0.11
3
7
mV
59
mV
TCV
OS
Input Offset Voltage Average Drift
1.0
µV/°C
I
B
Input Bias Current
1.0
64
64
pA
I
OS
Input Offset Current
0.5
32
32
pA
R
IN
Input Resistance
>1
T
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 5V, Note 6
82
60
60
dB
55
55
dB
V
CM
Input Common-Mode Voltage
input low, CMRR
≥ 50dB
–0.3
–0.20
–0.20
V
0.00
0.00
V
input high, CMRR
≥ 50dB
5.3
5.20
5.20
V
5.00
5.00
V
+PSRR
Positive Power Supply
V+ = 5V to 12V,
82
70
65
dB
Rejection Ratio
V– = 0V, V
OUT = 1.5V
65
62
dB
–PSRR
Negative Power Supply
V+ = 0V, V– = –5V to –12V,
82
70
65
dB
Rejection Ratio
V
OUT = –1.5V
65
62
dB
C
IN
Common-Mode Input Capacitance
3
pF
V
OUT
Output Swing
output high, R
L = 2k
4.989
4.9
4.9
V
4.85
4.85
V
output low, R
L = 2k
0.011
0.1
0.1
V
0.15
0.15
V
output high, R
L = 600Ω
4.963
4.9
4.9
V
4.8
4.8
V
output low, R
L = 600Ω
0.037
0.1
0.1
V
0.2
0.2
V
I
SC
Output Short Circuit Current
sourcing (V
OUT = 0V) or
200
120
120
mA
Note 7
sinking (V
OUT = 5V)
80
80
mA
I
S
Supply Current
V
OUT = V+/2
0.5
0.85
0.85
mA
1.0
1.0
mA
LMC7101A
LMC7101B
Symbol
Parameter
Condition
Typ
Min
Max
Min
Max
Units
CMRR
Common-Mode Rejection Ratio
0V
≤ V
CM ≤ 3.0V, Note 6
74
60
60
dB
V
CM
Input Common-Mode Voltage
input low, CMRR
≥ 50dB
–0.3
0
0
V
input high, CMRR
≥ 50dB
3.3
3.0
3.0
V
PSRR
Power Supply Rejection Ratio
V+ = 1.5V to 6.0V, V– =
80
68
60
dB
–1.5V to –6.0V, V
CM = 0
C
IN
Common-Mode Input Capacitance
3
pF
V
OUT
Output Swing
output high, R
L = 2k
2.992
2.9
2.9
V
output low, R
L = 2k
0.008
0.1
0.1
V
output high, R
L = 600Ω
2.973
2.85
2.85
V
output low, R
L = 600Ω
0.027
0.15
0.15
V
I
S
Supply Current
0.5
0.81
0.81
mA
0.95
0.95
mA


Similar Part No. - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
853Kb / 18P
   Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7101BIM5 NSC-LMC7101BIM5 Datasheet
845Kb / 24P
   Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Micrel Semiconductor
LMC7101BIM5 MICREL-LMC7101BIM5 Datasheet
134Kb / 12P
   Low-Power Operational Amplifier
logo
Texas Instruments
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 28P
[Old version datasheet]   LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101BIM5 TI1-LMC7101BIM5 Datasheet
1Mb / 33P
[Old version datasheet]   Tiny Low-Power Operational Amplifier
More results

Similar Description - LMC7101BIM5

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
   Low Power Operational Amplifier
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101_05 Datasheet
134Kb / 12P
   Low-Power Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_17 Datasheet
775Kb / 20P
   Low Power Operational Amplifier
November, 2017 ??Rev. 9
logo
Microchip Technology
LMC7101 MICROCHIP-LMC7101 Datasheet
1Mb / 32P
   Low-Power Operational Amplifier
05/14/19
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
   Low Power Precision Operational Amplifier
REV. C
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
   LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TS321 TI1-TS321 Datasheet
1Mb / 21P
[Old version datasheet]   Low-Power Single Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com