Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC80N04S4-03 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPC80N04S4-03
Description  N-channel - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPC80N04S4-03 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPC80N04S4-03 Datasheet HTML 1Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 2Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 3Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 4Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 5Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 6Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 7Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 8Page - Infineon Technologies AG IPC80N04S4-03 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPC80N04S4-03
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
4400
5720
pF
Output capacitance
C oss
-
1020
1330
Reverse transfer capacitance
Crss
-33
77
Turn-on delay time
t d(on)
-14
-
ns
Rise time
t r
-7
-
Turn-off delay time
t d(off)
-15
-
Fall time
t f
-13
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-24
32
nC
Gate to drain charge
Q gd
-8
18
Gate charge total
Q g
-55
71
Gate plateau voltage
V plateau
-5.6
-
V
Reverse Diode
Diode continous forward current
2)
I S
--
80
A
Diode pulse current
2)
I S,pulse
-
-
320
Diode forward voltage
V SD
V GS=0 V, I F=40 A,
T j=25 °C
-0.9
1.3
V
Reverse recovery time
2)
t rr
-45
-
ns
Reverse recovery charge
2)
Q rr
-45
-
nC
2) Defined by design. Not subject to production test.
3) T
J > 150°C is limited to 200h operation time over life time of the device
1) Current is limited by package; with an R
thJC = 1.5 K/W the chip is able to carry 134A at 25°C.
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=20 V, V GS=10 V,
I D=80 A, R G=3.5 
V DD=32 V, I D=80 A,
V GS=0 to 10 V
V R=20 V, I F=50A,
di F/dt =100 A/µs
T C=25 °C
Rev. 1.0
page 3
2015-05-22


Similar Part No. - IPC80N04S4-03

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
IPC HAMMOND-IPC Datasheet
145Kb / 3P
   Armoire pour PC autoportante modulaire en acier doux de type 12
logo
Advantech Co., Ltd.
IPC-100-60SE ADVANTECH-IPC-100-60SE Datasheet
2Mb / 2P
   1U Compact Fanless System with Intel짰 Atom??N450 on Board
IPC-120 ADVANTECH-IPC-120 Datasheet
637Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
526Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
IPC-120BP-00XE ADVANTECH-IPC-120BP-00XE Datasheet
637Kb / 2P
   Cost Effective Compact 1U Rackmount Chassis for Half-size SBC
More results

Similar Description - IPC80N04S4-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com