Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27L2000-25 Datasheet(PDF) 7 Page - Macronix International

Part # 27L2000-25
Description  2M-BIT [256Kx8] CMOS EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27L2000-25 Datasheet(HTML) 7 Page - Macronix International

Back Button 27L2000-25 Datasheet HTML 3Page - Macronix International 27L2000-25 Datasheet HTML 4Page - Macronix International 27L2000-25 Datasheet HTML 5Page - Macronix International 27L2000-25 Datasheet HTML 6Page - Macronix International 27L2000-25 Datasheet HTML 7Page - Macronix International 27L2000-25 Datasheet HTML 8Page - Macronix International 27L2000-25 Datasheet HTML 9Page - Macronix International 27L2000-25 Datasheet HTML 10Page - Macronix International 27L2000-25 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
MX27L2000
REV. 3.2, AUG. 26, 2003
P/N: PM0372
27L2000-70R 27L2000-12
27L2000-15
Symbol
PARAMETER
MIN
MAX.
MIN. MAX.
MIN.
MAX. UNIT
Conditions
tACC
Address to Output Delay
70
120
150
ns
CE=OE=VIL
tCE
Chip Enable to Output Delay
70
120
150
ns
OE=VIL
tOE
Output Enable to Output Delay
50
50
65
ns
CE=VIL
tDF
OE High to Output Float,
0
35
0
35
0
50
ns
or CE High to Output Floa
tOH
Output Hold from Address,
0
0
0
ns
CE or OE which ever occurred first
DC PROGRAMMING CHARACTERISTICS TA = 25oC ± 5°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 3.6V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE=PGM=VIL,OE=VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V
AC CHARACTERISTICS
27L2000-20
27L2000-25
Symbol
PARAMETER
MIN
MAX.
MIN. MAX.
UNIT
Conditions
tACC
Address to Output Delay
200
250
ns
CE=OE=VIL
tCE
Chip Enable to Output Delay
200
250
ns
OE=VIL
tOE
Output Enable to Output Delay
100
120
ns
CE=VIL
tDF
OE High to Output Float,
0
60
0
70
ns
or CE High to Output Floa
tOH
Output Hold from Address,
0
0
ns
CE or OE which ever occurred first


Similar Part No. - 27L2000-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-25 MCNIX-27L2000-25 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L2000-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com