Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD24VS1UA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD24VS1UA
Description  Unidirectional ESD protection diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD24VS1UA Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD24VS1UA_15 Datasheet HTML 1Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 2Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 3Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 4Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 5Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 6Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 7Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 8Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD323 (SC-76) very
small Surface-Mounted Device (SMD) plastic package designed to protect one signal line
from the damage caused by ESD and other transients.
1.2 Features and benefits
Unidirectional ESD protection of one line
Max. peak pulse power: PPP =160 W
Ultra low leakage current: IRM <1nA
ESD protection up to 23 kV
IEC 61000-4-2, level 4 (ESD)
IEC 61000-4-5 (surge); IPP =3A
1.3 Applications
Computers and peripherals
Communication systems
Audio and video equipment
Data lines
Controller Area Network (CAN) bus protection
1.4 Quick reference data
2.
Pinning information
PESD24VS1UA
Unidirectional ESD protection diode
Rev. 1 — 7 March 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
-
-
24
V
Cd
diode capacitance
VR =0V; f=1MHz
-
23
50
pF
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1


Similar Part No. - PESD24VS1UA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS1UA115 NXP-PESD24VS1UA115 Datasheet
424Kb / 13P
   Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package designed to protect one signal line from the damage caused by ESD and other transients.
Rev. 1-7 March 2011
More results

Similar Description - PESD24VS1UA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
   Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
   Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
   Unidirectional ESD protection diode
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
   Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
   Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com