Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX29LV160AT Datasheet(PDF) 4 Page - Macronix International

Part No. MX29LV160AT
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 
 4 page
background image
4
P/N:PM0866
MX29LV160T/B & MX29LV160AT/AB
REV. 3.7, APR. 23, 2003
Sector
Sector Size
Address range
Sector Address
Byte Mode Word Mode Byte Mode (x8) Word Mode (x16) A19 A18 A17 A16 A15 A14 A13 A12
SA0
16Kbytes
8Kwords
000000-003FFF
00000-01FFF
0000000
X
SA1
8Kbytes
4Kwords
004000-005FFF
02000-02FFF
0000001
0
SA2
8Kbytes
4Kwords
006000-007FFF
03000-03FFF
0000001
1
SA3
32Kbytes
16Kwords
008000-00FFFF
04000-07FFF
000001
X
X
SA4
64Kbytes
32Kwords
010000-01FFFF
08000-0FFFF
00001
X
X
X
SA5
64Kbytes
32Kwords
020000-02FFFF
10000-17FFF
00010
X
X
X
SA6
64Kbytes
32Kwords
030000-03FFFF
18000-1FFFF
00011
X
X
X
SA7
64Kbytes
32Kwords
040000-04FFFF
20000-27FFF
00100
X
X
X
SA8
64Kbytes
32Kwords
050000-05FFFF
28000-2FFFF
00101
X
X
X
SA9
64Kbytes
32Kwords
060000-06FFFF
30000-37FFF
00110
X
X
X
SA10
64Kbytes
32Kwords
070000-07FFFF
38000-3FFFF
00111
X
X
X
SA11
64Kbytes
32Kwords
080000-08FFFF
40000-47FFF
01000
X
X
X
SA12
64Kbytes
32Kwords
090000-09FFFF
48000-4FFFF
01001
X
X
X
SA13
64Kbytes
32Kwords
0A0000-0AFFFF 50000-57FFF
01010
X
X
X
SA14
64Kbytes
32Kwords
0B0000-0BFFFF 58000-5FFFF
01011
X
X
X
SA15
64Kbytes
32Kwords
0C0000-0CFFFF 60000-67FFF
01100
X
X
X
SA16
64Kbytes
32Kwords
0D0000-0DFFFF 68000-6FFFF
01101
X
X
X
SA17
64Kbytes
32Kwords
0E0000-0EFFFF 70000-77FFF
01110
X
X
X
SA18
64Kbytes
32Kwords
0F0000-0FFFFF 78000-7FFFF
01111
X
X
X
SA19
64Kbytes
32Kwords
100000-10FFFF
80000-87FFF
10000
X
X
X
SA20
64Kbytes
32Kwords
110000-11FFFF
88000-8FFFF
10001
X
X
X
SA21
64Kbytes
32Kwords
120000-12FFFF
90000-97FFF
10010
X
X
X
SA22
64Kbytes
32Kwords
130000-13FFFF
98000-9FFFF
10011
X
X
X
SA23
64Kbytes
32Kwords
140000-14FFFF
A0000-A7FFF
10100
X
X
X
SA24
64Kbytes
32Kwords
150000-15FFFF
A8000-AFFFF
10101
X
X
X
SA25
64Kbytes
32Kwords
160000-16FFFF
B0000-B7FFF
10110
X
X
X
SA26
64Kbytes
32Kwords
170000-17FFFF
B8000-BFFFF
10111
X
X
X
SA27
64Kbytes
32Kwords
180000-18FFFF
C0000-C7FFF
11000
X
X
X
SA28
64Kbytes
32Kwords
190000-19FFFF
C8000-CFFFF
11001
X
X
X
SA29
64Kbytes
32Kwords
1A0000-1AFFFF D0000-D7FFF
11010
X
X
X
SA30
64Kbytes
32Kwords
1B0000-1BFFFF D8000-DFFFF
11011
X
X
X
SA31
64Kbytes
32Kwords
1C0000-1CFFFF E0000-E7FFF
11100
X
X
X
SA32
64Kbytes
32Kwords
1D0000-1DFFFF E8000-EFFFF
11101
X
X
X
SA33
64Kbytes
32Kwords
1E0000-1EFFFF F0000-FFFFF
11110
X
X
X
SA34
64Kbytes
32Kwords
1F0000-1FFFFF F8000-FFFFF
11111
X
X
X
Table 2: MX29LV160B & MX29LV160AB SECTOR ARCHITECTURE
Note: Byte mode:address range A19:A-1, word mode:address range A19:A0.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX28F160C3T16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV017B16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV160CT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV161T16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV160B16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV160AT16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29SL800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV004T4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV008T8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0404M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl