Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV160AT Datasheet(PDF) 12 Page - Macronix International

Part # MX29LV160AT
Description  16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV160AT Datasheet(HTML) 12 Page - Macronix International

Back Button MX29LV160AT Datasheet HTML 8Page - Macronix International MX29LV160AT Datasheet HTML 9Page - Macronix International MX29LV160AT Datasheet HTML 10Page - Macronix International MX29LV160AT Datasheet HTML 11Page - Macronix International MX29LV160AT Datasheet HTML 12Page - Macronix International MX29LV160AT Datasheet HTML 13Page - Macronix International MX29LV160AT Datasheet HTML 14Page - Macronix International MX29LV160AT Datasheet HTML 15Page - Macronix International MX29LV160AT Datasheet HTML 16Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
12
P/N:PM0866
MX29LV160T/B & MX29LV160AT/AB
REV. 3.7, APR. 23, 2003
REQUIREMENTS FOR READING ARRAY
DATA
To read array data from the outputs, the system must
drive the CE and OE pins to VIL. CE is the power control
and selects the device. OE is the output control and
gates array data to the output pins. WE should remain at
VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory con-
tent occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard
microprocessor read cycles that assert valid address
on the device address inputs produce valid data on the
device data outputs.The device remains enabled for read
access until the command register contents are altered.
WRITE COMMANDS/COMMAND SEQUENCES
To program data to the device or erase sectors of
memory, the system must drive WE and CE to VIL, and
OE to VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 1 and Table 2 indicate the
address space that each sector occupies. A "sector ad-
dress" consists of the address bits required to uniquely
select a sector. The Writing specific address and data
commands or sequences into the command register ini-
tiates device operations. Table 5 defines the valid regis-
ter command sequences. Writing incorrect address and
data values or writing them in the improper sequence
resets the device to reading array data. Section has de-
tails on erasing a sector or the entire chip, or suspend-
ing/resuming the erase operation.
After the system writes the "read silicon-ID" and "sector
protect verify" command sequence, the device enters
the "read silicon-ID" and "sector protect verify" mode.
The system can then read "read silicon-ID" and "sector
protect verify" codes from the internal register (which is
separate from the memory array) on Q7-Q0. Standard
read cycle timings apply in this mode. Refer to the "read
silicon-ID" and "sector protect verify" Mode and "read
silicon-ID" and "sector protect verify" Command Se-
quence section for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The "AC
Characteristics" section contains timing specification
table and timing diagrams for write operations.
STANDBY MODE
When using both pins of CE and RESET, the device
enter CMOS Standby with both pins held at Vcc ± 0.3V.
If CE and RESET are held at VIH, but not within the
range of VCC ± 0.3V, the device will still be in the standby
mode, but the standby current will be larger. During Auto
Algorithm operation, Vcc active current (ICC2) is required
even CE = "H" until the operation is completed. The de-
vice can be read with standard access time (tCE) from
either of these standby modes, before it is ready to read
data.
OUTPUT DISABLE
With the OE input at a logic high level (VIH), output from
the devices are disabled. This will cause the output pins
to be in a high impedance state.
RESET OPERATION
The RESET pin provides a hardware method of reset-
ting the device to reading array data. When the RESET
pin is driven low for at least a period of tRP, the device
immediately terminates any operation in progress,
tristates all output pins, and ignores all read/write com-
mands for the duration of the RESET pulse. The device
also resets the internal state machine to reading array
data. The operation that was interrupted should be re-
initiated once the device is ready to accept another com-
mand sequence, to ensure data integrity.
Current is reduced for the duration of the RESET pulse.
When RESET is held at VSS±0.3V, the device draws
CMOS standby current (ICC4). If RESET is held at VIL
but not within VSS±0.3V, the standby current will be
greater.
The RESET pin may be tied to system reset circuitry. A
system reset would that also reset the Flash memory,
enabling the system to read the boot-up firmware from
the Flash memory.
If RESET is asserted during a program or erase opera-


Similar Part No. - MX29LV160AT

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BB MCNIX-MX29LV160BB Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-70 MCNIX-MX29LV160BBMC-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMC-90 MCNIX-MX29LV160BBMC-90 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160BBMI-70 MCNIX-MX29LV160BBMI-70 Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV160AT

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV017A ETC1-MX29LV017A Datasheet
629Kb / 57P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
logo
Elite Semiconductor Mem...
F25L016A ESMT-F25L016A_08 Datasheet
376Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
F25L016A ESMT-F25L016A_1 Datasheet
379Kb / 32P
   16Mbit (2Mx8) 3V Only Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com