Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F022NTQC-70 Datasheet(PDF) 8 Page - Macronix International

Part # MX29F022NTQC-70
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022NTQC-70 Datasheet(HTML) 8 Page - Macronix International

Back Button MX29F022NTQC-70 Datasheet HTML 4Page - Macronix International MX29F022NTQC-70 Datasheet HTML 5Page - Macronix International MX29F022NTQC-70 Datasheet HTML 6Page - Macronix International MX29F022NTQC-70 Datasheet HTML 7Page - Macronix International MX29F022NTQC-70 Datasheet HTML 8Page - Macronix International MX29F022NTQC-70 Datasheet HTML 9Page - Macronix International MX29F022NTQC-70 Datasheet HTML 10Page - Macronix International MX29F022NTQC-70 Datasheet HTML 11Page - Macronix International MX29F022NTQC-70 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
The Automatic Sector Erase does not require the device
to be entirely pre-programmed prior to executing the
Automatic Set-up Sector Erase command and Automatic
Sector Erase command. Upon executing the Automatic
Sector Erase command, the device will automatically
program and verify the sector(s) memory for an all-zero
data pattern. The system does not require to provide
any control or timing during these operations.
When the sector(s) is automatically verified to contain
an all-zero pattern, a self-timed sector erase and verifi-
cation begin. The erase and verification operations are
complete when the data on Q7 is "1" and the data on Q6
stops toggling for two consecutive read cycles, at which
time the device returns to the Read mode. The system
does not required to provide any control or timing
during these operations.
When using the Automatic Sector Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array
(no erase verification command is required). Sector
erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
set-up command-80H. Two more "unlock" write cycles
are then followed by the sector erase command-30H.
The sector address is latched on the falling edge of WE,
while the command(data) is latched on the rising edge
of WE. Sector addresses selected are loaded into
internal register on the sixth falling edge of WE. Each
successive sector load cycle started by the falling edge
of WE must begin within 30us from the rising edge of
the preceding WE. Otherwise, the loading period ends
and internal auto sector erase cycle starts. (Monitor Q3
to determine if the sector erase timer window is still open,
see section Q3, Sector Erase Timer.) Any command
other than Sector Erase (30H) or Erase Suspend (B0H)
during the time-out period resets the device to read mode.
ERASE SUSPEND
This command is only valid while the state machine is
executing Automatic Sector Erase operation, and
therefore will only be responded during Automatic/Sec-
tor Erase operation. Writing the Erase Suspend com-
mand during the Sector Erase time-out immediately ter-
minates the time-out period and suspends the erase op-
eration. After this command has been executed, the
command register will initiate erase suspend mode. The
state machine will return to read mode automatically af-
ter suspend is ready. At this time, state machine only
allows the command register to respond to the Read
Memory Array, Erase Resume and Program commands.
The system can determine the status of the program
operation using the Q7 or Q6 status bits, just as in the
standard program operation. After an erase-suspended
program operation is complete, the system can once
again read array data within non-suspended sectors.
SET-UP AUTOMATIC SECTOR ERASE COM-
MANDS


Similar Part No. - MX29F022NTQC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022B MCNIX-MX29F022B Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-12 MCNIX-MX29F022BPC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-70 MCNIX-MX29F022BPC-70 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BPC-90 MCNIX-MX29F022BPC-90 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022BQC-12 MCNIX-MX29F022BQC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022NTQC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com