Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F800BTC-90 Datasheet(PDF) 1 Page - Macronix International

Part # MX29F800BTC-90
Description  8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F800BTC-90 Datasheet(HTML) 1 Page - Macronix International

  MX29F800BTC-90 Datasheet HTML 1Page - Macronix International MX29F800BTC-90 Datasheet HTML 2Page - Macronix International MX29F800BTC-90 Datasheet HTML 3Page - Macronix International MX29F800BTC-90 Datasheet HTML 4Page - Macronix International MX29F800BTC-90 Datasheet HTML 5Page - Macronix International MX29F800BTC-90 Datasheet HTML 6Page - Macronix International MX29F800BTC-90 Datasheet HTML 7Page - Macronix International MX29F800BTC-90 Datasheet HTML 8Page - Macronix International MX29F800BTC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
P/N:PM0578
REV. 1.7, JUL. 24, 2001
MX29F800T/B
8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
PRELIMINARY
erase operation completion.
• Ready/Busy pin (RY/BY)
- Provides a hardware method of detecting program
or erase operation completion.
• Sector protection
- Sector protect/chip unprotect for 5V/12V system.
- Hardware method to disable any combination of
sectors from program or erase operations
- Tempory sector unprotect allows code changes in
previously locked sectors.
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Boot Code Sector Architecture
- T = Top Boot Sector
- B = Bottom Boot Sector
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
- 44-pin SOP
- 48-pin TSOP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
FEATURES
• 1,048,576 x 8/524,288 x 16 switchable
• Single power supply operation
- 5.0V only operation for read, erase and program
operation
• Fast access time: 70/90/120ns
• Low power consumption
- 50mA maximum active current
- 0.2uA typical standby current
• Command register architecture
- Byte/word Programming (7us/12us typical)
- Sector Erase (Sector structure 16K-Bytex1,
8K-Bytex2, 32K-Bytex1, and 64K-Byte x15)
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability.
- Automatically program and verify data at specified
address
• Erase suspend/Erase Resume
- Suspends sector erase operation to read data from,
or program data to, another sector that is not being
erased, then resumes the erase.
• Status Reply
- Data polling & Toggle bit for detection of program and
GENERAL DESCRIPTION
The MX29F800T/B is a 8-mega bit Flash memory or-
ganized as 1M bytes of 8 bits or 512K words of 16 bits.
MXIC's Flash memories offer the most cost-effective and
reliable read/write non-volatile random access memory.
The MX29F800T/B is packaged in 44-pin SOP, 48-pin
TSOP. It is designed to be reprogrammed and erased
in system or in standard EPROM programmers.
The standard MX29F800T/B offers access time as fast
as 70ns, allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention,
the MX29F800T/B has separate chip enable (CE) and
output enable (OE) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F800T/B uses a command register to manage this
functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 100,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and programming
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and program operations produces reliable cy-
cling. The MX29F800T/B uses a 5.0V±10% VCC sup-
ply to perform the High Reliability Erase and auto Pro-
gram/Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.


Similar Part No. - MX29F800BTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBMI70G MCNIX-MX29F800CBMI70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBTI-70G MCNIX-MX29F800CBTI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBTI70G MCNIX-MX29F800CBTI70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F800BTC-90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
K5P2880YCM SAMSUNG-K5P2880YCM Datasheet
552Kb / 29P
   Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com