Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27L1000-12 Datasheet(PDF) 11 Page - Macronix International

Part # 27L1000-12
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27L1000-12 Datasheet(HTML) 11 Page - Macronix International

Back Button 27L1000-12 Datasheet HTML 7Page - Macronix International 27L1000-12 Datasheet HTML 8Page - Macronix International 27L1000-12 Datasheet HTML 9Page - Macronix International 27L1000-12 Datasheet HTML 10Page - Macronix International 27L1000-12 Datasheet HTML 11Page - Macronix International 27L1000-12 Datasheet HTML 12Page - Macronix International 27L1000-12 Datasheet HTML 13Page - Macronix International 27L1000-12 Datasheet HTML 14Page - Macronix International 27L1000-12 Datasheet HTML 15Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003


Similar Part No. - 27L1000-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-12 MCNIX-27L2000-12 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-12 MCNIX-27L2000-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-20 MCNIX-27L2000-20 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L1000-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com