Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ942EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ942EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ942EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ942EP_15 Datasheet HTML 1Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SQJ942EP
www.vishay.com
Vishay Siliconix
S13-0708-Rev. B, 01-Apr-13
1
Document Number: 62669
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR4 material).
d. Parametric verification ongoing.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
N-CHANNEL 1 N-CHANNEL 2
VDS (V)
40
40
RDS(on) () at VGS = 10 V
0.022
0.011
RDS(on) () at VGS = 4.5 V
0.026
0.013
ID (A)
15
45
Configuration
Dual N
Bottom View
D1
D2
1
2
3
4
S1
G1
S2
G2
6.15mm
5.13mm
PowerPAK® SO-8L Asymmetric
N-Channel 1 MOSFET
D1
G1
S1
N-Channel 2 MOSFET
D2
G2
S2
ORDERING INFORMATION
Package
PowerPAK SO-8L Dual Asymmetric
Lead (Pb)-free and Halogen-free
SQJ942EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
N-CHANNEL 1
N-CHANNEL 2
UNIT
Drain-Source Voltage
VDS
40
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
15
45
A
TC = 125 °C
15
32
Continuous Source Current (Diode Conduction)a
IS
15
44
Pulsed Drain Currentb
IDM
60
180
Single Pulse Avalanche Current
L = 0.1 mH
IAS
19
27
Single Pulse Avalanche Energy
EAS
18.5
36.5
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
17
48
W
TC = 125 °C
6
16
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
N-CHANNEL 1
N-CHANNEL 2
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
75
70
°C/W
Junction-to-Case (Drain)
RthJC
93.1


Similar Part No. - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V01 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
More results

Similar Description - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
SQJ940EP VISHAY-SQJ940EP_V02 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ244EP VISHAY-SQJ244EP_V02 Datasheet
379Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ884EP VISHAY-SQJ884EP Datasheet
178Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2022
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
SQJ208EP VISHAY-SQJ208EP_V01 Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ208EP VISHAY-SQJ208EP Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 21-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com