Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ942EP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SQJ942EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ942EP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SQJ942EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 9Page - Vishay Siliconix SQJ942EP_15 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SQJ942EP
www.vishay.com
Vishay Siliconix
S13-0708-Rev. B, 01-Apr-13
6
Document Number: 62669
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL 1 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms, 1 s, 10 s, DC
I
D Limited
10- 3
10- 2
1
10
600
10- 1
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP-T1-GE3 VISHAY-SQJ942EP-T1-GE3 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V01 Datasheet
323Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
More results

Similar Description - SQJ942EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
SQJ940EP VISHAY-SQJ940EP_V02 Datasheet
325Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ244EP VISHAY-SQJ244EP_V02 Datasheet
379Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ884EP VISHAY-SQJ884EP Datasheet
178Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2022
SUD50N04-07L VISHAY-SUD50N04-07L_V01 Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFETs
18-Jul-08
SQJ208EP VISHAY-SQJ208EP_V01 Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ208EP VISHAY-SQJ208EP Datasheet
482Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. B, 21-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com