Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC60N04S4L-06 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPC60N04S4L-06
Description  N-channel Logic Level - Enhancement mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPC60N04S4L-06 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPC60N04S4L-06 Datasheet HTML 1Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 2Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 3Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 4Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 5Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 6Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 7Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 8Page - Infineon Technologies AG IPC60N04S4L-06 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPC60N04S4L-06
9 Typ. gate threshold voltage
10 Typ. capacitances
V GS(th) = f(T j); V GS = V DS
C = f(V DS); V GS = 0 V; f = 1 MHz
parameter: I D
11 Typical forward diode characteristicis
12 Typ. avalanche characteristics
IF = f(VSD)
I AS = f(t AV)
parameter: T j
parameter: Tj(start)
25 °C
100 °C
150 °C
1
10
100
1
10
100
1000
t
AV [µs]
25 °C
175 °C
100
101
102
103
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD [V]
Ciss
Coss
Crss
101
102
103
104
0
5
10
15
20
25
30
V
DS [V]
30 µA
300 µA
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-60
-20
20
60
100
140
180
T
j [°C]
Rev. 1.0
page 6
2015-05-22


Similar Part No. - IPC60N04S4L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC60N04S4-06 INFINEON-IPC60N04S4-06 Datasheet
202Kb / 9P
   N-channel - Enhancement mode
Rev. 1.0 2015-05-22
IPC60N04S4-06 INFINEON-IPC60N04S4-06_15 Datasheet
202Kb / 9P
   N-channel - Enhancement mode
Rev. 1.0 2015-05-22
More results

Similar Description - IPC60N04S4L-06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com