Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKW75N65EH5 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKW75N65EH5
Description  650V DuoPack IGBT and full-rated diode High speed series fifth generation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N65EH5 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKW75N65EH5_15 Datasheet HTML 4Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 5Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 6Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 7Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 8Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 9Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 10Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 11Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
IKW75N65EH5
Highspeedseriesfifthgeneration
Rev.2.1,2015-05-20
Figure 1.
Forwardbiassafeoperatingarea
(D=0,TC=25°C,Tvj
≤175°C,VGE=15V,tp=1µs,
ICmaxdefinedbydesign-notsubjectto
production test)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
1
10
100
1000
0.1
1
10
100
not for linear use
Figure 2.
Powerdissipationasafunctionofcase
temperature
(Tvj
≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
400
Figure 3.
Collectorcurrentasafunctionofcase
temperature
(VGE
≥15V,Tvj≤175°C)
TC,CASETEMPERATURE[°C]
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
Figure 4.
Typicaloutputcharacteristic
(Tvj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0
30
60
90
120
150
180
210
240
270
300
VGE = 20V
18V
15V
12V
10V
8V
7V
6V
4V


Similar Part No. - IKW75N65EH5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N65EL5 INFINEON-IKW75N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW75N65ES5 INFINEON-IKW75N65ES5 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ES5 INFINEON-IKW75N65ES5_15 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ET7 INFINEON-IKW75N65ET7 Datasheet
1Mb / 17P
   TRENCHSTOPTM IGBT 7 Low Loss Duopack: IGBT with Trench and Fieldstop technology
2020-11-11
More results

Similar Description - IKW75N65EH5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N65EH5 INFINEON-IKW50N65EH5_15 Datasheet
1Mb / 17P
   650V DuoPack IGBT and full-rated diode High speed series fifth generation
Rev.2.1,2015-05-20
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65NH5 INFINEON-IKZ50N65NH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com