Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV401BXBC-70 Datasheet(PDF) 10 Page - Macronix International

Part # MX29LV401BXBC-70
Description  4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV401BXBC-70 Datasheet(HTML) 10 Page - Macronix International

Back Button MX29LV401BXBC-70 Datasheet HTML 6Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 7Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 8Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 9Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 10Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 11Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 12Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 13Page - Macronix International MX29LV401BXBC-70 Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
P/N:PM0853
MX29LV401T/B
REV. 0.0, SEP. 14, 2001
READ/RESET COMMAND
The read or reset operation is initiated by writing the
read/reset command sequence into the command reg-
ister. Microprocessor read cycles retrieve array data.
The device remains enabled for reads until the command
register contents are altered.
If program-fail or erase-fail happen, the write of F0H will
reset the device to abort the operation. A valid com-
mand must then be written to place the device in the
desired state.
SILICON-ID READ COMMAND
Flash memories are intended for use in applications where
the local CPU alters memory contents. As such, manu-
facturer and device codes must be accessible while the
device resides in the target system. PROM program-
mers typically access signature codes by raising A9 to
a high voltage(VID). However, multiplexing high voltage
onto address lines is not generally desired system de-
sign practice.
The MX29LV401T/B contains a Silicon-ID-Read opera-
tion to supple traditional PROM programming methodol-
ogy. The operation is initiated by writing the read silicon
ID command sequence into the command register. Fol-
lowing the command write, a read cycle with A1=VIL,
A0=VIL retrieves the manufacturer code of C2H/00C2H.
A read cycle with A1=VIL, A0=VIH returns the device
code of B9H/22B9H for MX29LV401T, BAH/22BAH for
MX29LV401B.
SET-UP AUTOMATIC CHIP/SECTOR ERASE
COMMANDS
Chip erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"set-up" command 80H. Two more "unlock" write cy-
cles are then followed by the chip erase command 10H
or sector erase command 30H.
The Automatic Chip Erase does not require the device
to be entirely pre-programmed prior to executing the Au-
tomatic Chip Erase. Upon executing the Automatic Chip
Erase, the device will automatically program and verify
the entire memory for an all-zero data pattern. When the
device is automatically verified to contain an all-zero
pattern, a self-timed chip erase and verify begin. The
erase and verify operations are completed when the data
on Q7 is "1" at which time the device returns to the
Read mode. The system is not required to provide any
control or timing during these operations.
When using the Automatic Chip Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array(no
erase verification command is required).
If the Erase operation was unsuccessful, the data on
Q5 is "1"(see Table 7), indicating the erase operation
exceed internal timing limit.
The automatic erase begins on the rising edge of the
last WE or CE pulse, whichever happens first in the
command sequence and terminates when the data on
Q7 is "1" and the data on Q6 stops toggling for two con-
secutive read cycles, at which time the device returns
to the Read mode.
the Flash memory.
If RESET is asserted during a program or erase
operation, the RY/BY pin remains a "0" (busy) until the
internal reset operation is complete, which requires a
time of tREADY (during Embedded Algorithms). The
sysytem can thus monitor RY/BY to determine whether
the reset operation is complete. If RESET is asserted
when a program or erase operation is commpleted within
a time of tREADY (not during Embedded Algorithms).
The system can read data tRH after the RESET pin
returns to VIH.
Refer to the AC Characteristics tables for RESET
parameters and to Figure 22 for the timing diagram.


Similar Part No. - MX29LV401BXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400BMC-55R MCNIX-MX29LV400BMC-55R Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400BMC-70 MCNIX-MX29LV400BMC-70 Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400BMC-90 MCNIX-MX29LV400BMC-90 Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400BMI-70 MCNIX-MX29LV400BMI-70 Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400BMI-90 MCNIX-MX29LV400BMI-90 Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV401BXBC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com