Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F800BTC-70 Datasheet(PDF) 8 Page - Macronix International

Part # MX29F800BTC-70
Description  8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F800BTC-70 Datasheet(HTML) 8 Page - Macronix International

Back Button MX29F800BTC-70 Datasheet HTML 4Page - Macronix International MX29F800BTC-70 Datasheet HTML 5Page - Macronix International MX29F800BTC-70 Datasheet HTML 6Page - Macronix International MX29F800BTC-70 Datasheet HTML 7Page - Macronix International MX29F800BTC-70 Datasheet HTML 8Page - Macronix International MX29F800BTC-70 Datasheet HTML 9Page - Macronix International MX29F800BTC-70 Datasheet HTML 10Page - Macronix International MX29F800BTC-70 Datasheet HTML 11Page - Macronix International MX29F800BTC-70 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
P/N:PM0578
MX29F800T/B
REV. 1.7, JUL. 24, 2001
READ/RESET COMMAND
The read or reset operation is initiated by writing the
read/reset command sequence into the command reg-
ister. Microprocessor read cycles retrieve array data.
The device remains enabled for reads until the com-
mand register contents are altered.
If program-fail or erase-fail happen, the write of F0H will
reset the device to abort the operation. A valid com-
mand must then be written to place the device in the
desired state.
SILICON-ID-READ COMMAND
Flash memories are intended for use in applications
where the local CPU alters memory contents. As such,
manufacturer and device codes must be accessible while
the device resides in the target system. PROM pro-
grammers typically access signature codes by raising
A9 to a high voltage(VID). However, multiplexing high
voltage onto address lines is not generally desired sys-
tem design practice.
The MX29F800T/B contains a Silicon-ID-Read opera-
tion to supplement traditional PROM programming meth-
odology. The operation is initiated by writing the read
silicon ID command sequence into the command reg-
ister. Following the command write, a read cycle with
A1=VIL, A0=VIL retrieves the manufacturer code of C2H/
00C2H. A read cycle with A1=VIL, A0=VIH returns the
device code of D6H/22D6H for MX29F800T, 58H/2258H
for MX29F800B.
SET-UP AUTOMATIC CHIP/SECTOR ERASE
Pins
A0
A1
Q15~Q8 Q7
Q6
Q5
Q4
Q3
Q2 Q1
Q0
Code(Hex)
Manufacture code
Word VIL
VIL
00H
1
1
0
0
0
0
1
0
00C2H
Byte
VIL
VIL
X
1
1
0
0
0
0
1
0
C2H
Device code
Word VIH
VIL
22H
1
1
0
1
0
1
1
0
22D6H
for MX29F800T
Byte
VIH
VIL
X
1
1
0
1
0
1
1
0
D6H
Device code
Word VIH
VIL
22H
0
1
0
1
1
0
0
0
2258H
for MX29F800B
Byte
VIH
VIL
X
0
1
0
1
1
0
0
0
58H
Sector Protection
X
VIH X
0
0
0
0
0
0
0
1
01H (Protected)
Verification
X
VIH X
0
0
0
0
0
0
0
0
00H (Unprotected)
TABLE 3. EXPANDED SILICON ID CODE
COMMANDS
Chip erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"set-up" command 80H. Two more "unlock" write cy-
cles are then followed by the chip erase command 10H.
The Automatic Chip Erase does not require the device
to be entirely pre-programmed prior to executing the
Automatic Chip Erase. Upon executing the Automatic
Chip Erase, the device will automatically program and
verify the entire memory for an all-zero data pattern.
When the device is automatically verified to contain an
all-zero pattern, a self-timed chip erase and verify be-
gin. The erase and verify operations are completed when
the data on Q7 is "1" at which time the device returns to
the Read mode. The system is not required to provide
any control or timing during these operations.
When using the Automatic Chip Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory
array(no erase verification command is required).
If the Erase operation was unsuccessful, the data on
Q5 is "1"(see Table 4), indicating the erase operation
exceed internal timing limit.
The automatic erase begins on the rising edge of the
last WE or CE, whichever happens first pulse in the
command sequence and terminates when the data on
Q7 is "1" and the data on Q6 stops toggling for two con-
secutive read cycles, at which time the device returns
to the Read mode.


Similar Part No. - MX29F800BTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800C MCNIX-MX29F800C Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBMI-70G MCNIX-MX29F800CBMI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBMI70G MCNIX-MX29F800CBMI70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBTI-70G MCNIX-MX29F800CBTI-70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F800CBTI70G MCNIX-MX29F800CBTI70G Datasheet
785Kb / 48P
   8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results

Similar Description - MX29F800BTC-70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
K5P2880YCM SAMSUNG-K5P2880YCM Datasheet
552Kb / 29P
   Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com