Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F040TI-70 Datasheet(PDF) 7 Page - Macronix International

Part # MX29F040TI-70
Description  4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F040TI-70 Datasheet(HTML) 7 Page - Macronix International

Back Button MX29F040TI-70 Datasheet HTML 3Page - Macronix International MX29F040TI-70 Datasheet HTML 4Page - Macronix International MX29F040TI-70 Datasheet HTML 5Page - Macronix International MX29F040TI-70 Datasheet HTML 6Page - Macronix International MX29F040TI-70 Datasheet HTML 7Page - Macronix International MX29F040TI-70 Datasheet HTML 8Page - Macronix International MX29F040TI-70 Datasheet HTML 9Page - Macronix International MX29F040TI-70 Datasheet HTML 10Page - Macronix International MX29F040TI-70 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
P/N:PM0538
REV. 2.3, DEC. 10, 2004
MX29F040
READ/RESET COMMAND
The read or reset operation is initiated by writing the
read/reset command sequence into the command reg-
ister. Microprocessor read cycles retrieve array data.
The device remains enabled for reads until the command
register contents are altered.
If program-fail or erase-fail happen, the write of F0H will
reset the device to abort the operation. A valid com-
mand must then be written to place the device in the
desired state.
SILICON-ID-READ COMMAND
Flash memories are intended for use in applications where
the local CPU alters memory contents. As such, manu-
facturer and device codes must be accessible while the
device resides in the target system. PROM program-
mers typically access signature codes by raising A9 to
a high voltage. However, multiplexing high voltage onto
address lines is not generally desired system design
practice.
The MX29F040 contains a Silicon-ID-Read operation to
supplement traditional PROM programming methodol-
ogy. The operation is initiated by writing the read silicon
ID command sequence into the command register. Fol-
lowing the command write, a read cycle with
A1=VIL,A0=VIL retrieves the manufacturer code of C2H.
A read cycle with A1=VIL, A0=VIH returns the device
code of A4H for MX29F040.
SET-UP AUTOMATIC CHIP/SECTOR ERASE
Chip erase is a six-bus cycle operation. There are two
"unlock" write cycles. These are followed by writing the
"set-up" command 80H. Two more "unlock" write cy-
cles are then followed by the chip erase command 10H.
The Automatic Chip Erase does not require the device
to be entirely pre-programmed prior to executing the Au-
tomatic Chip Erase. Upon executing the Automatic Chip
Erase, the device will automatically program and verify
the entire memory for an all-zero data pattern. When the
device is automatically verified to contain an all-zero
pattern, a self-timed chip erase and verify begin. The
erase and verify operations are completed when the data
on Q7 is "1" at which time the device returns to the
Read mode. The system is not required to provide any
control or timing during these operations.
When using the Automatic Chip Erase algorithm, note
that the erase automatically terminates when adequate
erase margin has been achieved for the memory array
(no erase verification command is required).
If the Erase operation was unsuccessful, the data on
Q5 is "1"(see Table 4), indicating the erase operation
exceed internal timing limit.
The automatic erase begins on the rising edge of the
last WE or CE, whichever happens first pulse in the com-
mand sequence and terminates when the data on Q7 is
"1" and the data on Q6 stops toggling for two consecu-
tive read cycles, at which time the device returns to the
Read mode.
Pins
A0
A1
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Code (Hex)
Manufacture code
VIL
VIL
1
1
0
0
0
0
1
0
C2H
Device code for MX29F040
VIH
VIL
1
0
1
0
0
1
0
0
A4H
Sector Protection Verification X
VIH
0
0
0
0
0
0
0
1
01H (Protected)
X
VIH
0
0
0
0
0
0
0
0
00H(Unprotected)
TABLE 3. EXPANDED SILICON ID CODE


Similar Part No. - MX29F040TI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CPI-55 MCNIX-MX29F040CPI-55 Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CPI-55G MCNIX-MX29F040CPI-55G Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CPI-70 MCNIX-MX29F040CPI-70 Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040CPI-70G MCNIX-MX29F040CPI-70G Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29F040TI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com