Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27L1000-90 Datasheet(PDF) 3 Page - Macronix International

Part # 27L1000-90
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27L1000-90 Datasheet(HTML) 3 Page - Macronix International

  27L1000-90 Datasheet HTML 1Page - Macronix International 27L1000-90 Datasheet HTML 2Page - Macronix International 27L1000-90 Datasheet HTML 3Page - Macronix International 27L1000-90 Datasheet HTML 4Page - Macronix International 27L1000-90 Datasheet HTML 5Page - Macronix International 27L1000-90 Datasheet HTML 6Page - Macronix International 27L1000-90 Datasheet HTML 7Page - Macronix International 27L1000-90 Datasheet HTML 8Page - Macronix International 27L1000-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-
line control function is provided to allow for:
1. Low memory power dissipation,
2. Assurance that output bus contention will not
occur.
It is recommended that CE be decoded and used as
the primary device-selecting function, while OE be made
a common connection to all devices in the array and
connected to the READ line from the system control
bus. This assures that all deselected memory devices
are in their low-power standby mode and that the output
pins are only active when data is desired from a particular
memory device.
NOTES:
1. VH = 12.0 V ± 0.5 V
2. X = Either VIH or VIL
3. A1 - A8 = A10 - A16 = VIL(For auto select)
4. See DC Programming Characteristics for VPP voltage during programming.
SYSTEM CONSIDERATIONS
During the switch between active and standby
conditions, transient current peaks are produced on the
rising and falling edges of Chip Enable. The magnitude
of these transient current peaks is dependent on the
output capacitance loading of the device. At a minimum,
a 0.1 uF ceramic capacitor (high frequency, low inherent
inductance) should be used on each device between
Vcc and GND to minimize transient effects. In addition,
to overcome the voltage drop caused by the inductive
effects of the printed circuit board traces on EPROM
arrays, a 4.7 uF bulk electrolytic capacitor should be
used between Vcc and GND for each eight devices. The
location of the capacitor should be close to where the
power supply is connected to the array.
MODE SELECT TABLE
PINS
MODE
CE
OE
PGM
A0
A9
VPP
OUTPUTS
Read
VIL
VIL
X
X
X
VCC
DOUT
Output Disable
VIL
VIH
X
X
X
VCC
High Z
Standby (TTL)
VIH
X
X
X
X
VCC
High Z
Standby (CMOS)
VCC ± 0.3V
X
X
X
X
VCC
High Z
Program
VIL
VIH
VIL
X
X
VPP
DIN
Program Verify
VIL
VIL
VIH
X
X
VPP
DOUT
Program Inhibit
VIH
X
X
X
X
VPP
High Z
Manufacturer Code(3)
VIL
VIL
X
VIL
VH
VCC
C2H
Device Code(3)
VIL
VIL
X
VIH
VH
VCC
0EH


Similar Part No. - 27L1000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-12 MCNIX-27L2000-12 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-12 MCNIX-27L2000-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-20 MCNIX-27L2000-20 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L1000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com